전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5456DU 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI5456DU
상세설명  N-Channel 20-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5456DU 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI5456DU Datasheet HTML 1Page - Vishay Siliconix SI5456DU Datasheet HTML 2Page - Vishay Siliconix SI5456DU Datasheet HTML 3Page - Vishay Siliconix SI5456DU Datasheet HTML 4Page - Vishay Siliconix SI5456DU Datasheet HTML 5Page - Vishay Siliconix SI5456DU Datasheet HTML 6Page - Vishay Siliconix SI5456DU Datasheet HTML 7Page - Vishay Siliconix SI5456DU Datasheet HTML 8Page - Vishay Siliconix SI5456DU Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Vishay Siliconix
Si5456DU
www.vishay.com
2
Document Number: 64800
S09-0665-Rev. A, 20-Apr-09
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
21
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 4.8
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
12.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
ns
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 9.3 A
0.008
0.010
Ω
VGS = 4.5 V, ID = 8 A
0.011
0.0135
Forward Transconductancea
gfs
VDS = 15 V, ID = 9.3 A
25
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1200
pF
Output Capacitance
Coss
350
Reverse Transfer Capacitance
Crss
220
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 14 A
20
30
nC
VDS = 10 V, VGS = 4.5 V, ID = 14 A
9.8
15
Gate-Source Charge
Qgs
3.2
Gate-Drain Charge
Qgd
3.2
Gate Resistance
Rg
f = 1 MHz
0.2
1.1
2.2
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1.1 Ω
ID ≅ 9.6 A, VGEN = 4.5 V, Rg = 1 Ω
20
30
ns
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
10
15
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1.1 Ω
ID ≅ 9.6 A, VGEN = 10 V, Rg = 1 Ω
10
15
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
12
A
Pulse Diode Forward Current
ISM
30
Body Diode Voltage
VSD
IS = 9.6 A, VGS = 0 V
0.85
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 9.6 A, dI/dt = 100 A/µs, TJ = 25 °C
15
30
ns
Body Diode Reverse Recovery Charge
Qrr
10
20
nC
Reverse Recovery Fall Time
ta
8
ns
Reverse Recovery Rise Time
tb
7


유사한 부품 번호 - SI5456DU

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI545 SILABS-SI545 Datasheet
885Kb / 16P
   Ultra low jitter: 80 fs Typ RMS
logo
Skyworks Solutions Inc.
SI545 SKYWORKS-SI545 Datasheet
923Kb / 21P
   Ultra Low Jitter Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206613A May, 2023
logo
Vishay Siliconix
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
SI5457DC-T1-GE3 VISHAY-SI5457DC-T1-GE3 Datasheet
266Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI5457DC VISHAY-SI5457DC_V01 Datasheet
266Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI5456DU

제조업체부품명데이터시트상세설명
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com