전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5504BDC-T1-E3 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI5504BDC-T1-E3
상세설명  N- and P-Channel 30 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5504BDC-T1-E3 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI5504BDC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5504BDC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5504BDC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5504BDC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5504BDC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5504BDC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI5504BDC-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI5504BDC-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI5504BDC-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 74483
S10-0547-Rev. B, 08-Mar-10
Vishay Siliconix
Si5504BDC
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
30
V
VGS = 0 V, ID = - 250 µA
P-Ch
- 30
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
N-Ch
27
mV/°C
ID = - 250 µA
P-Ch
- 30
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = 250 µA
N-Ch
- 5
ID = - 250 µA
P-Ch
3.5
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
1.5
3
V
VDS = VGS, ID = - 250 µA
P-Ch
- 1.5
- 3
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
N-Ch
100
nA
P-Ch
- 100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
N-Ch
1
µA
VDS = - 30 V, VGS = 0 V
P-Ch
- 1
VDS = 30 V, VGS = 0 V, TJ = 85 °C
N-Ch
5
VDS = - 30 V, VGS = 0 V, TJ = 85 °C
P-Ch
- 5
On-State Drain Currentb
ID(on)
VDS ≥ 5 V, VGS = 10 V
N-Ch
10
A
VDS ≤ - 5 V, VGS = - 10 V
P-Ch
- 10
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 3.1 A
N-Ch
0.053
0.065
Ω
VGS = - 10 V, ID = - 2.1 A
P-Ch
0.112
0.140
VGS = 4.5 V, ID = 1 A
N-Ch
0.081
0.100
VGS = - 4.5 V, ID = - 0.43 A
P-Ch
0.188
0.235
Forward Transconductanceb
gfs
VDS = 15 V, ID = 3.1 A
N-Ch
5
S
VDS = - 15 V, ID = - 2.1 A
P-Ch
3.5
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 15 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 15 V, VGS = 0 V, f = 1 MHz
N-Ch
220
pF
P-Ch
170
Output Capacitance
Coss
N-Ch
50
P-Ch
50
Reverse Transfer Capacitance
Crss
N-Ch
25
P-Ch
31
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 3.6 A
N-Ch
4.5
7
nC
VDS = - 15 V, VGS = - 10 V, ID = - 2.5 A
P-Ch
4.5
7
N-Channel
VDS = 15 V, VGS = 4.5 V, ID = 3.6 A
P-Channel
VDS = - 15 V, VGS = - 4.5 V, ID = - 2.5 A
N-Ch
2
3
P-Ch
2.2
3.5
Gate-Source Charge
Qgs
N-Ch
0.7
P-Ch
0.7
Gate-Drain Charge
Qgd
N-Ch
0.7
P-Ch
1
Gate Resistance
Rg
f = 1 MHz
N-Ch
3
Ω
P-Ch
13


유사한 부품 번호 - SI5504BDC-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5504BDC-T1-E3 VISHAY-SI5504BDC-T1-E3 Datasheet
150Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. A, 02-Jul-07
More results

유사한 설명 - SI5504BDC-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com