전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5904DC 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI5904DC
상세설명  Dual N-Channel 2.5 V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5904DC 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI5904DC_10 Datasheet HTML 1Page - Vishay Siliconix SI5904DC_10 Datasheet HTML 2Page - Vishay Siliconix SI5904DC_10 Datasheet HTML 3Page - Vishay Siliconix SI5904DC_10 Datasheet HTML 4Page - Vishay Siliconix SI5904DC_10 Datasheet HTML 5Page - Vishay Siliconix SI5904DC_10 Datasheet HTML 6Page - Vishay Siliconix SI5904DC_10 Datasheet HTML 7Page - Vishay Siliconix SI5904DC_10 Datasheet HTML 8Page - Vishay Siliconix SI5904DC_10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si5904DC
Document Number: 71065
S10-0548-Rev. D, 08-Mar-10
www.vishay.com
1
Dual N-Channel 2.5 V (G-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET: 2.5 V Rated
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
20
0.075 at VGS = 4.5 V
± 4.2
0.134 at VGS = 2.5 V
± 3.1
Ordering Information: Si5904DC-T1-E3 (Lead (Pb)-free)
Si5904DC-T1-GE3 (Lead (Pb)-free and Halogen-free)
1206-8 ChipFE
S1
G1
S2
G2
D1
D1
D2
D2
1
Bottom View
Marking Code
CB
XX
Lot Traceability
and Date Code
Part # Code
T®
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. See reliability manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result
of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure
adequate bottom side solder interconnection.
c. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
± 4.2
± 3.1
A
TA = 85 °C
± 3.0
± 2.2
Pulsed Drain Current
IDM
± 10
Continuous Source Current (Diode Conduction)a
IS
1.8
0.9
Maximum Power Dissipationa
TA = 25 °C
PD
2.1
1.1
W
TA = 85 °C
1.1
0.6
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)b, c
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
50
60
°C/W
Steady State
90
110
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40


유사한 부품 번호 - SI5904DC_10

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5904DC-T1 VISHAY-SI5904DC-T1 Datasheet
112Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI5904DC-T1 VISHAY-SI5904DC-T1 Datasheet
94Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 18-Apr-05
SI5904DC-T1-E3 VISHAY-SI5904DC-T1-E3 Datasheet
94Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 18-Apr-05
logo
VBsemi Electronics Co.,...
SI5904DC-T1-GE3 VBSEMI-SI5904DC-T1-GE3 Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI5904DC VISHAY-SI5904DC_08 Datasheet
94Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 18-Apr-05
More results

유사한 설명 - SI5904DC_10

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
72413 VISHAY-72413 Datasheet
182Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jun-04
SI6925ADQ VISHAY-SI6925ADQ Datasheet
175Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
23-May-04
logo
Guangdong Kexin Industr...
KI5904DC KEXIN-KI5904DC Datasheet
66Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6946DQ VISHAY-SI6946DQ Datasheet
50Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. E, 06-Oct-97
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
SI6968BE TFUNK-SI6968BE Datasheet
229Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI5904DC VISHAY-SI5904DC_08 Datasheet
94Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 18-Apr-05
SI9925DY VISHAY-SI9925DY Datasheet
41Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. N, 26-May-03
SI6926ADQ VISHAY-SI6926ADQ_05 Datasheet
100Kb / 6P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
SI6926ADQ VISHAY-SI6926ADQ_08 Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com