전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6463BDQ 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI6463BDQ
상세설명  P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6463BDQ 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI6463BDQ Datasheet HTML 1Page - Vishay Siliconix SI6463BDQ Datasheet HTML 2Page - Vishay Siliconix SI6463BDQ Datasheet HTML 3Page - Vishay Siliconix SI6463BDQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model
Si6463BDQ
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = − 250 µA
0.71
V
On-State Drain Current
a
ID(on)
VDS = −5 V, VGS = −4.5 V
250
A
VGS = −4.5 V, ID = −7.4 A
0.011
0.011
VGS = −2.5 V, ID = −6.3 A
0.015
0.015
Drain-Source On-State Resistance
a
rDS(on)
VGS = −1.8 V, ID = −5.5 A
0.020
0.020
Forward Transconductance
a
gfs
VDS = −15 V, ID = −7.4 A
35
34
S
Diode Forward Voltage
a
VSD
IS = −1.3 A, VGS = 0 V
−0.79
−0.64
V
Dynamic
b
Total Gate Charge
Qg
31
40
Gate-Source Charge
Qgs
5.2
5.2
Gate-Drain Charge
Qgd
VDS = −10 V, VGS = −5 V, ID = −7.4 A
8
8
nC
Turn-On Delay Time
td(on)
33
35
Rise Time
tr
33
40
Turn-Off Delay Time
td(off)
126
190
Fall Time
tf
VDD = −10 V, RL = 15 Ω
ID ≅ −1 A, VGEN = −4.5 V, RG = 6 Ω
46
90
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 72137
S-52526
Rev. B, 12-Dec-05


유사한 부품 번호 - SI6463BDQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6463BDQ VISHAY-SI6463BDQ Datasheet
46Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 07-Oct-02
More results

유사한 설명 - SI6463BDQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com