전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6928DQ-T1 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI6928DQ-T1
상세설명  Dual N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6928DQ-T1 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI6928DQ-T1 Datasheet HTML 1Page - Vishay Siliconix SI6928DQ-T1 Datasheet HTML 2Page - Vishay Siliconix SI6928DQ-T1 Datasheet HTML 3Page - Vishay Siliconix SI6928DQ-T1 Datasheet HTML 4Page - Vishay Siliconix SI6928DQ-T1 Datasheet HTML 5Page - Vishay Siliconix SI6928DQ-T1 Datasheet HTML 6Page - Vishay Siliconix SI6928DQ-T1 Datasheet HTML 7Page - Vishay Siliconix SI6928DQ-T1 Datasheet HTML 8Page - Vishay Siliconix SI6928DQ-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si6928DQ
Document Number: 70663
S-81056-Rev. D, 12-May-08
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
30
0.035 at VGS = 10 V
± 4.0
0.050 at VGS = 4.5 V
± 3.4
Si6928DQ
D1
S1
S1
G1
1
2
3
4
8
7
6
5
D2
S2
S2
G2
TSSOP-8
Top View
Ordering Information: Si6928DQ-T1
Si6928DQ-T1-GE3 (Lead (Pb)-free and Halogen-free)
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
N-Channel MOSFET
Notes:
a. Surface Mounted on FR4 board, t
≤ 10 s.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
± 4.0
A
TA = 70 °C
± 3.2
Pulsed Drain Current
IDM
± 20
Continuous Source Current (Diode Conduction)a
IS
1.25
Maximum Power Dissipationa
TA = 25 °C
PD
1.0
W
TA = 70 °C
0.64
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Maximum Junction-to-Ambienta
RthJA
125
°C/W
Available
Pb-free
RoHS*
COMPLIANT


유사한 부품 번호 - SI6928DQ-T1

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SI6928DQ FAIRCHILD-SI6928DQ Datasheet
160Kb / 5P
   Dual 30V N-Channel PowerTrench MOSFET
logo
Vishay Siliconix
SI6928DQ VISHAY-SI6928DQ Datasheet
102Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI6928DQ VISHAY-SI6928DQ_V01 Datasheet
102Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI6928DQ-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com