전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7434DP 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI7434DP
상세설명  N-Channel 250-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7434DP 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI7434DP_06 Datasheet HTML 1Page - Vishay Siliconix SI7434DP_06 Datasheet HTML 2Page - Vishay Siliconix SI7434DP_06 Datasheet HTML 3Page - Vishay Siliconix SI7434DP_06 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si7434DP
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.6
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 10 V
38
A
VGS = 10 V, ID = 3.8 A
0.131
0.129
Drain-Source On-State Resistance
a
rDS(on)
VGS = 6 V, ID = 3.7 A
0.133
0.131
Forward Transconductance
a
gfs
VDS = 15 V, ID = 3.8 A
7
14
S
Forward Voltage
a
VSD
IS = 2.8 A, VGS = 0 V
0.82
0.75
V
Dynamic
b
Total Gate Charge
Qg
35.5
34
Gate-Source Charge
Qgs
6.8
6.8
Gate-Drain Charge
Qgd
VDS = 100 V, VGS = 10 V, ID = 3.8 A
10.5
10.5
nC
Turn-On Delay Time
td(on)
11
16
Rise Time
tr
19
23
Turn-Off Delay Time
td(off)
30
47
Fall Time
tf
VDD = 100 V, RL = 25 Ω
ID ≅ 4 A, VGEN = 10 V, RG = 6 Ω
43
19
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 72666
S-60147
Rev. B, 13-Feb-06


유사한 부품 번호 - SI7434DP_06

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7434DP-T1-E3 VISHAY-SI7434DP-T1-E3 Datasheet
77Kb / 5P
   N-CHANNEL 250-V (D-S) MOSFET
Rev. A, 24-Nov-03
SI7434DP-T1-E3 VISHAY-SI7434DP-T1-E3 Datasheet
368Kb / 12P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
SI7434DP-T1-GE3 VISHAY-SI7434DP-T1-GE3 Datasheet
368Kb / 12P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
SI7434DP VISHAY-SI7434DP_V01 Datasheet
368Kb / 12P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7434DP_06

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7190DP VISHAY-SI7190DP Datasheet
314Kb / 13P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
logo
Analog Power
AMR400N ANALOGPOWER-AMR400N Datasheet
351Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SI4434DY VISHAY-SI4434DY Datasheet
70Kb / 5P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 15-Dec-03
logo
Analog Power
AM14N25-280D ANALOGPOWER-AM14N25-280D Datasheet
347Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM30N25-270P ANALOGPOWER-AM30N25-270P Datasheet
337Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SI7190DP-T1-GE3 VISHAY-SI7190DP-T1-GE3 Datasheet
161Kb / 9P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
SIR692DP VISHAY-SIR692DP Datasheet
210Kb / 7P
   N-Channel 250 V (D-S) MOSFET
Rev. A, 19-Dec-16
logo
Analog Power
AM6N25-1100D ANALOGPOWER-AM6N25-1100D Datasheet
306Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM8N25-550D ANALOGPOWER-AM8N25-550D Datasheet
346Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SISS92DN VISHAY-SISS92DN Datasheet
227Kb / 8P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
SI7190ADP VISHAY-SI7190ADP Datasheet
229Kb / 9P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com