전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7540DP 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI7540DP
상세설명  N- and P-Channel 12-V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7540DP 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI7540DP_09 Datasheet HTML 1Page - Vishay Siliconix SI7540DP_09 Datasheet HTML 2Page - Vishay Siliconix SI7540DP_09 Datasheet HTML 3Page - Vishay Siliconix SI7540DP_09 Datasheet HTML 4Page - Vishay Siliconix SI7540DP_09 Datasheet HTML 5Page - Vishay Siliconix SI7540DP_09 Datasheet HTML 6Page - Vishay Siliconix SI7540DP_09 Datasheet HTML 7Page - Vishay Siliconix SI7540DP_09 Datasheet HTML 8Page - Vishay Siliconix SI7540DP_09 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number: 71911
S09-0227-Rev. F, 09-Feb-09
Vishay Siliconix
Si7540DP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.6
1.5
V
VDS = VGS, ID = - 250 µA
P-Ch
- 0.6
- 1.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
N-Ch
± 100
nA
P-Ch
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 12 V, VGS = 0 V
N-Ch
1
µA
VDS = - 12 V, VGS = 0 V
P-Ch
- 1
VDS = 12 V, VGS = 0 V, TJ = 55 °C
N-Ch
5
VDS = - 12 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
N-Ch
20
A
VDS ≤ − 5 V, VGS = - 4.5 V
P-Ch
- 20
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 11.8 A
N-Ch
0.014
0.017
Ω
VGS = - 4.5 V, ID = - 8.9 A
P-Ch
0.026
0.032
VGS = 2.5 V, ID = 9.8 A
N-Ch
0.020
0.025
VGS = - 2.5 V, ID = - 6.9 A
P-Ch
0.043
0.053
Forward Transconductancea
gfs
VDS = 5 V, ID = 11.8 A
N-Ch
32
S
VDS = - 5 V, ID = - 8.9 A
P-Ch
23
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
N-Ch
0.77
1.2
V
IS = - 2.9 A, VGS = 0 V
P-Ch
- 0.8
- 1.2
Dynamicb
Total Gate Charge
Qg
N-Channel
VDS = 6 V, VGS = 4.5 V, ID = 11.8 A
P-Channel
VDS = - 6 V, VGS = - 4.5 V, ID = - 8.9 A
N-Ch
11.5
17
nC
P-Ch
13
20
Gate-Source Charge
Qgs
N-Ch
3.2
P-Ch
4.1
Gate-Drain Charge
Qgd
N-Ch
2.5
P-Ch
1.9
Gate Resistance
Rg
N-Ch
0.5
1.7
2.5
Ω
P-Ch
1.5
3.5
5.6
Turn-On Delay Time
td(on)
N-Channel
VDD = 6 V, RL = 6 Ω
ID ≅ 1 A, VGEN = 4.5 V, Rg = 6 Ω
P-Channel
VDD = - 6 V, RL = 6 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, Rg = 6 Ω
N-Ch
30
45
ns
P-Ch
35
55
Rise Time
tr
N-Ch
50
75
P-Ch
42
65
Turn-Off Delay Time
td(off)
N-Ch
60
90
P-Ch
54
85
Fall Time
tf
N-Ch
25
40
P-Ch
17
30
Source-Drain Reverse Recovery
Time
trr
IF = 2.9 A, dI/dt = 100 A/µs
N-Ch
40
80
IF = - 2.9 A, dI/dt = 100 A/µs
P-Ch
40
80


유사한 부품 번호 - SI7540DP_09

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SI7540DP VISHAY-SI7540DP_V01 Datasheet
366Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7540DP_09

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIA527DJ VISHAY-SIA527DJ Datasheet
333Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 29-Jul-13
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
Rev. B, 05-Oct-09
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
   N- and P-Channel 12-V (D-S) MOSFET
Rev.. C, 16-Dec-02
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 19-Nov-07
SIA517DJ VISHAY-SIA517DJ_V01 Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Shenzhen Tuofeng Semico...
SIA517 TUOFENG-SIA517 Datasheet
3Mb / 10P
   N- and P-Channel 12-V (D-S) MOSFET
Feb,2018 V1.0
logo
DinTek Semiconductor Co...
DTQ2D106 DINTEK-DTQ2D106 Datasheet
1Mb / 9P
   N- and P-Channel 12 V (D-S) MOSFET
REV 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com