전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7634BDP-T1-E3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI7634BDP-T1-E3
상세설명  N-Channel 30-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7634BDP-T1-E3 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI7634BDP-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7634BDP-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7634BDP-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7634BDP-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7634BDP-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI7634BDP-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI7634BDP-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI7634BDP-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI7634BDP-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 74031
S-80439-Rev. C, 03-Mar-08
www.vishay.com
3
Vishay Siliconix
Si7634BDP
New Product
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
14
28
42
56
70
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS = 10 thru 4 V
3 V
ID - Drain Current (A)
0.0035
0.0043
0.0051
0.0059
0.0067
0.0075
014
28
42
56
70
VGS = 4.5 V
VGS = 10 V
0
2
4
6
8
10
0.0
9.6
19.2
28.8
38.4
48.0
ID = 10 A
Qg - Total Gate Charge (nC)
VDS = 10 V
VDS = 15 V
VDS = 20 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.3
0.6
0.9
1.2
1.5
012345
TC = 125 °C
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = - 55 °C
Crss
0
760
1520
2280
3040
3800
0
6
12
18
24
30
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
ID = 15 A
VGS = 4.5 V
VGS = 10 V


유사한 부품 번호 - SI7634BDP-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7634BDP-T1-E3 VISHAY-SI7634BDP-T1-E3 Datasheet
360Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7634BDP-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com