전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7812DN-T1-GE3 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI7812DN-T1-GE3
상세설명  N-Channel 75-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7812DN-T1-GE3 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI7812DN-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7812DN-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7812DN-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7812DN-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7812DN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7812DN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7812DN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7812DN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7812DN-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 73332
S-83050-Rev. D, 29-Dec-08
Vishay Siliconix
Si7812DN
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Maximum under Steady State conditions is 81 °C/W.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
t
≤ 10 s
RthJA
26
33
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.9
2.4
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
75
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
65
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6.4
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
2.0
3.0
V
VDS = VGS, ID = 5 mA
2.3
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 75 V, VGS = 0 V
1
µA
VDS = 75 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
25
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 7.2 A
0.031
0.037
Ω
VGS = 4.5 V, ID = 6.4 A
0.038
0.046
Forward Transconductancea
gfs
VDS = 15 V, ID = 7.2 A
23
S
Dynamicb
Input Capacitance
Ciss
VDS = 35 V, VGS = 0 V, f = 1 MHz
840
pF
Output Capacitance
Coss
110
Reverse Transfer Capacitance
Crss
50
Total Gate Charge
Qg
VDS = 38 V, VGS = 10 V, ID = 7.2 A
16
24
nC
VDS = 38 V, VGS = 4.5 V, ID = 7.2 A
812
Gate-Source Charge
Qgs
2.8
Gate-Drain Charge
Qgd
3.6
Gate Resistance
Rg
f = 1 MHz
1
Ω
Turn-On Delay Time
td(on)
VDD = 38 V, RL = 6.7 Ω
ID ≅ 5.7 A, VGEN = 4.5 V, Rg = 1 Ω
20
30
ns
Rise Time
tr
130
200
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
50
75
Turn-On Delay Time
td(on)
VDD = 38 V, RL = 6.7 Ω
ID ≅ 5.7 A, VGEN = 10 V, Rg = 1 Ω
15
25
Rise Time
tr
20
30
Turn-Off Delay Time
td(off)
35
40
Fall Time
tf
10
15


유사한 부품 번호 - SI7812DN-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Telefunken
SI7812DN TFUNK-SI7812DN Datasheet
543Kb / 14P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SI7812DN VISHAY-SI7812DN Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
SI7812DN VISHAY-SI7812DN Datasheet
550Kb / 14P
   N-Channel 75-V (D-S) MOSFET
01-Jan-2022
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
SI7812DN VISHAY-SI7812DN_V01 Datasheet
550Kb / 14P
   N-Channel 75-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7812DN-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM230N07-03B ANALOGPOWER-AM230N07-03B Datasheet
334Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-04B ANALOGPOWER-AM90N07-04B Datasheet
364Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SIE818DF VISHAY-SIE818DF Datasheet
192Kb / 10P
   N-Channel 75-V (D-S) MOSFET
Rev. B, 13-Jul-09
SUM110N08-07 VISHAY-SUM110N08-07 Datasheet
51Kb / 5P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 21-Oct-02
SI7174DP VISHAY-SI7174DP Datasheet
513Kb / 13P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com