전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7942DP 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI7942DP
상세설명  Dual N-Channel 100-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7942DP 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI7942DP_06 Datasheet HTML 1Page - Vishay Siliconix SI7942DP_06 Datasheet HTML 2Page - Vishay Siliconix SI7942DP_06 Datasheet HTML 3Page - Vishay Siliconix SI7942DP_06 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si7942DP
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.5
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 10 V
111
A
VGS = 10 V, ID = 5.9 A
0.042
0.041
Drain-Source On-State Resistance
a
rDS(on)
VGS = 6 V, ID = 5.5 A
0.048
0.048
Forward Transconductance
a
gfs
VDS = 15 V, ID = 5.9 A
12
14
S
Forward Voltage
a
VSD
IS = 2.9 A, VGS = 0 V
0.82
0.77
V
Dynamic
b
Total Gate Charge
Qg
17
16
Gate-Source Charge
Qgs
3.8
3.8
Gate-Drain Charge
Qgd
VDS = 50 V, VGS = 10 V, ID = 5.9 A
5.5
5.5
nC
Turn-On Delay Time
td(on)
12
15
Rise Time
tr
17
15
Turn-Off Delay Time
td(off)
22
35
Fall Time
tf
VDD = 50 V, RL = 50 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
23
20
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, di/dt = 100 A/µs
40
50
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 72204
S-60261
Rev. B, 27-Feb-06


유사한 부품 번호 - SI7942DP_06

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7942DP-T1 VISHAY-SI7942DP-T1 Datasheet
89Kb / 6P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 03-Mar-03
SI7942DP VISHAY-SI7942DP_V01 Datasheet
339Kb / 12P
   Dual N-Channel 100-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7942DP_06

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5980DU VISHAY-SI5980DU Datasheet
118Kb / 7P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 11-Jan-10
SI7942DP VISHAY-SI7942DP Datasheet
89Kb / 6P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 03-Mar-03
logo
Analog Power
AM4990N ANALOGPOWER-AM4990N Datasheet
166Kb / 3P
   Dual N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SIS990DN VISHAY-SIS990DN Datasheet
568Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
Rev. A, 12-Aug-13
SIS990DN VISHAY-SIS990DN_V01 Datasheet
571Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI7252DP VISHAY-SI7252DP_V01 Datasheet
382Kb / 13P
   Dual N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA3104N VBSEMI-VBA3104N Datasheet
745Kb / 9P
   Dual N-Channel 100 V (D-S) MOSFET
VBA3108N VBSEMI-VBA3108N Datasheet
654Kb / 9P
   Dual N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4982DY VISHAY-SI4982DY Datasheet
40Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 26-May-03
SI7922DN VISHAY-SI7922DN_07 Datasheet
60Kb / 5P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 04-Nov-02
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com