전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7997DP 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI7997DP
상세설명  Dual P-Channel 30 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7997DP 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI7997DP Datasheet HTML 1Page - Vishay Siliconix SI7997DP Datasheet HTML 2Page - Vishay Siliconix SI7997DP Datasheet HTML 3Page - Vishay Siliconix SI7997DP Datasheet HTML 4Page - Vishay Siliconix SI7997DP Datasheet HTML 5Page - Vishay Siliconix SI7997DP Datasheet HTML 6Page - Vishay Siliconix SI7997DP Datasheet HTML 7Page - Vishay Siliconix SI7997DP Datasheet HTML 8Page - Vishay Siliconix SI7997DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 66719
S10-1826-Rev. A, 09-Aug-10
Vishay Siliconix
Si7997DP
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
1
10
100
00.2
0.4
0.60.8
1.01.2
TJ = 25 °C
TJ = 150 °C
V
SD - Source-to-Drain Voltage (V)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
- 50
- 25
0
25
50
75
100
125
150
ID = 250 μA
T
J - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0
0.005
0.010
0.015
0.020
0
2
468
10
TJ = 25 °C
TJ = 125 °C
V
GS - Gate-to-Source Voltage (V)
ID =20A
0
10
20
30
40
50
0.01
1
10
1000
0.1
Time (s)
100
Safe Operating Area
0.01
100
1
100
0.01
0.1
100 μs
10 s
10 ms
0.1
1
10
10
TA = 25 °C
Single Pulse
1ms
DC
BVDSS Limited
1s
100 ms
Limited by RDS(on)*
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified


유사한 부품 번호 - SI7997DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7997DP VISHAY-SI7997DP Datasheet
373Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7997DP-T1-GE3 VISHAY-SI7997DP-T1-GE3 Datasheet
373Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7997DP VISHAY-SI7997DP_15 Datasheet
309Kb / 14P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
SI7997DP VISHAY-SI7997DP_V01 Datasheet
373Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7997DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 02-Nov-09
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Jun-05
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com