전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8497DB 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI8497DB
상세설명  P-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8497DB 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI8497DB Datasheet HTML 1Page - Vishay Siliconix SI8497DB Datasheet HTML 2Page - Vishay Siliconix SI8497DB Datasheet HTML 3Page - Vishay Siliconix SI8497DB Datasheet HTML 4Page - Vishay Siliconix SI8497DB Datasheet HTML 5Page - Vishay Siliconix SI8497DB Datasheet HTML 6Page - Vishay Siliconix SI8497DB Datasheet HTML 7Page - Vishay Siliconix SI8497DB Datasheet HTML 8Page - Vishay Siliconix SI8497DB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si8497DB
Document Number: 63355
S11-1385-Rev. A, 11-Jul-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P-Channel 30 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
Ultra-small 1.5 mm x 1 mm Maximum Outline
Ultra-thin 0.59 Maximum Height
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Low On-Resistance Load Switch, Charger Switch,
OVP Switch and Battery Switch for Portable
Devices
- Low Power Consumption
- Increased Battery Life
- Space Savings on PCB
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Refer to IPC/JEDEC (J-STD-020), no manual or hand soldering.
d. Based on TC = 25 °C.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
d
Qg (Typ.)
- 30
0.053 at VGS = - 4.5 V
- 13
16.3 nC
0.071 at VGS = - 2.5 V
- 11
0.120 at VGS = - 2.0 V
- 5
MICRO FOOT
Device Marking: 8497
xxx = Date/Lot Traceability Code
Ordering Information: Si8497DB-T2-E1 (Lead (Pb)-free and Halogen-free)
DD
SS
SG
1
2
6
3
5
4
Bump Side View
Backside View
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 13
A
TC = 70 °C
- 10
TA = 25 °C
- 5.9a, b
TA = 70 °C
- 4.7a, b
Pulsed Drain Current (t = 300 µs)
IDM
- 20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 11
TA = 25 °C
- 2.3a, b
Maximum Power Dissipation
TC = 25 °C
PD
13
W
TC = 70 °C
8.4
TA = 25 °C
2.77a, b
TA = 70 °C
1.77a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Package Reflow Conditionsc
IR/Convection
260


유사한 부품 번호 - SI8497DB

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI8497DB VISHAY-SI8497DB_V01 Datasheet
176Kb / 8P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI8497DB

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com