전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD4S014 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD4S014
상세설명  COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4S014 데이터시트(HTML) 3 Page - Texas Instruments

  TPD4S014 Datasheet HTML 1Page - Texas Instruments TPD4S014 Datasheet HTML 2Page - Texas Instruments TPD4S014 Datasheet HTML 3Page - Texas Instruments TPD4S014 Datasheet HTML 4Page - Texas Instruments TPD4S014 Datasheet HTML 5Page - Texas Instruments TPD4S014 Datasheet HTML 6Page - Texas Instruments TPD4S014 Datasheet HTML 7Page - Texas Instruments TPD4S014 Datasheet HTML 8Page - Texas Instruments TPD4S014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TPD4S014
www.ti.com
SLVSAU0B
– MAY 2011 – REVISED OCTOBER 2011
PIN FUNCTIONS
PIN
TYPE
DESCRIPTION
NAME
NO.
D
6
I/O
USB data
D+
7
I/O
USB data+
ID
5
I/O
USB ID signal
Open-Drain Adapter-Voltage Indicator Output. ACOK is driven low after the VIN voltage is stable
ACK
4
O
between UVLO and OVLO for 16ms (typ). Connect a pullup resistor from ACOK to the logic I/O
voltage of the host system.
EN
3
I
Enable Active-Low Input. Drive EN low to enable the switch. Drive EN high to disable the switch.
VBUS
9, 10
USB Input
USB connector VBUS
Power
VBUS_O
1, 2
Power Output Connect to PCB internal PCB plane
UT
GND
8
Ground
Connect to PCB ground plane
Central
Central
Heat Sink
Electrically disconnected. Use as heat sink. Connect to GND plane via large PCB PAD
PAD
PAD
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Max Voltage on VBUS
–0.5
30
V
Continuous current through NFET
2.6
A
Max Current through D+, D-, ID, VBUS ESD clamps
-50
mA
Continuous current through logic output
–50
50
mA
Maximum junction temperature
–40
150
°C
IEC 61000-4-2 Contact Discharge
D+, D
–, ID, VBUS pins
±15
kV
IEC 61000-4-2 Air-gap Discharge
D+, D
–, ID, VBUS pins
±15
kV
Human-Body Model
EN, ACK, VBUSOUT pins
±2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
THERMAL INFORMATION
TPD4S014
THERMAL METRIC(1)
UNITS
DSQ (10) PINS
θJA
Junction-to-ambient thermal resistance
70.3
θJCtop
Junction-to-case (top) thermal resistance
46.3
θJB
Junction-to-board thermal resistance
33.8
°C/W
ψJT
Junction-to-top characterization parameter
2.9
ψJB
Junction-to-board characterization parameter
33.5
θJCbot
Junction-to-case (bottom) thermal resistance
16.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright
© 2011, Texas Instruments Incorporated
3


유사한 부품 번호 - TPD4S014

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
TPD4S014DSQR TI1-TPD4S014DSQR Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
TPD4S014DSQR TI1-TPD4S014DSQR Datasheet
3Mb / 26P
[Old version datasheet]   USB Charger Port Protection Including ESD Protection for All Lines
TPD4S014EVM TI-TPD4S014EVM Datasheet
318Kb / 5P
[Old version datasheet]   Over-voltage protection functionality
TPD4S014 TI1-TPD4S014_15 Datasheet
3Mb / 26P
[Old version datasheet]   USB Charger Port Protection Including ESD Protection for All Lines
More results

유사한 설명 - TPD4S014

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
TPD4S014 TI1-TPD4S014_15 Datasheet
3Mb / 26P
[Old version datasheet]   USB Charger Port Protection Including ESD Protection for All Lines
logo
NXP Semiconductors
IP4294CZ10 NXP-IP4294CZ10 Datasheet
609Kb / 2P
   ESD protection for USB 3.0 (SuperSpeed USB) and eSATA data lines
August 2012
logo
STMicroelectronics
ESDA18-1K STMICROELECTRONICS-ESDA18-1K Datasheet
168Kb / 10P
   EOS and ESD Transil protection for charger and battery port
September 2010 Rev 1
ESDA8V2-1MX2 STMICROELECTRONICS-ESDA8V2-1MX2 Datasheet
254Kb / 10P
   EOS and ESD Transil protection for charger and battery port
ESDA8V2-1J STMICROELECTRONICS-ESDA8V2-1J Datasheet
138Kb / 7P
   EOS and ESD Transil??protection for charger and battery port
August 2009 Rev 1
logo
Nexperia B.V. All right...
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
   ESD protection for 48V lines
2 May 2022
logo
STMicroelectronics
ESDA-1K STMICROELECTRONICS-ESDA-1K Datasheet
167Kb / 10P
   EOS and ESD Transil??protection for charger and battery port
September 2010 Rev 1
EMIF04-MMC02F1 STMICROELECTRONICS-EMIF04-MMC02F1 Datasheet
170Kb / 7P
   4 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com