전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT15-123S 데이터시트(PDF) 6 Page - Siemens Semiconductor Group

부품명 BAT15-123S
상세설명  HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT15-123S 데이터시트(HTML) 6 Page - Siemens Semiconductor Group

  BAT15-123S Datasheet HTML 1Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 2Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 3Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 4Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 5Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 6Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 7Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BAT 15
Semiconductor Group
6
Draft A03 1998-04-01
Order Instructions
Full type variant including type variant and quality level must be specified by the orderer.
For HiRel Discrete and Microwave Semiconductors the ordering code specifies device
family and quality level only.
Ordering Form:
Ordering Code: QÉ
BAT15- (x) (ql)
(x): Type Variant
(ql): Quality Level
Ordering Example:
Ordering Code: Q62702A1180
BAT15-014 ES
For BAT15-014 in T1 Package; ESA Space Quality Level
Further Information
See our WWW-Pages:
Ð Discrete and RF-Semiconductors (Small Signal Semiconductors)
www.siemens.de/semiconductor/products/35/35.htm
Ð HiRel Discrete and Microwave Semiconductors
www.siemens.de/semiconductor/products/35/353.htm
Please contact also our marketing division:
Tel.: ++89 6362 4480
Fax.: ++89 6362 5568
e-mail: martin.wimmers@hl.siemens.de


유사한 부품 번호 - BAT15-123S

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT15-124 SIEMENS-BAT15-124 Datasheet
19Kb / 2P
   Silicon Schottky Diodes (Low barrier diodes For mixer applications Hermetically sealed ceramic packages For frequencies up to 40 GHz)
More results

유사한 설명 - BAT15-123S

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT14 SIEMENS-BAT14 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com