전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT15-123S 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 BAT15-123S
상세설명  HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT15-123S 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  BAT15-123S Datasheet HTML 1Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 2Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 3Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 4Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 5Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 6Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 7Page - Siemens Semiconductor Group BAT15-123S Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
T
T1
HiRel Silicon Schottky Diode
BAT 15
Semiconductor Group
1
Draft A03 1998-04-01
Features
¥ HiRel Discrete and Microwave Semiconductor
¥ Medium barrier diodes for detector and mixer
applications
¥ Hermetically sealed microwave package
¥
qualified
¥ ESA/SCC Detail Spec. No.: 5106/014
ESD:
Electrostatic discharge sensitive device,
observe handling precautions!
(ql) Quality Level:
P: Professional Quality,
Ordering Code: Q62702A1178
H: High Rel Quality,
Ordering Code: on request
S: Space Quality,
Ordering Code: on request
ES: ESA Space Quality,
Ordering Code: Q62702A1180
(see Chapter Order Instructions for ordering example)
Type
Marking
Ordering Code
Pin Configuration
Package
BAT 15-013 (ql)
-
see below
T
BAT 15-014 (ql)
-
see below
see BAT15-013
T1
BAT 15-033 (ql)
BAT 15-034 (ql)
-
-
see below
see below
see BAT15-013
see BAT15-013
T
T1
BAT 15-043 (ql)
BAT 15-044 (ql)
-
-
see below
see below
see BAT15-013
see BAT15-013
T
T1
BAT 15-063 (ql)
BAT 15-064 (ql)
-
-
see below
see below
see BAT15-013
see BAT15-013
T
T1
BAT 15-073 (ql)
BAT 15-074 (ql)
-
-
see below
see below
see BAT15-013
see BAT15-013
T
T1
BAT 15-093 (ql)
BAT 15-094 (ql)
-
-
see below
see below
see BAT15-013
see BAT15-013
T
T1
BAT 15-103 (ql)
BAT 15-104 (ql)
-
-
see below
see below
see BAT15-013
see BAT15-013
T
T1
BAT 15-113 (ql)
BAT 15-114 (ql)
-
-
see below
see below
see BAT15-013
see BAT15-013
T
T1
BAT 15-123 (ql)
BAT 15-124 (ql)
-
-
see below
see below
see BAT15-013
see BAT15-013
T
T1


유사한 부품 번호 - BAT15-123S

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT15-124 SIEMENS-BAT15-124 Datasheet
19Kb / 2P
   Silicon Schottky Diodes (Low barrier diodes For mixer applications Hermetically sealed ceramic packages For frequencies up to 40 GHz)
More results

유사한 설명 - BAT15-123S

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT14 SIEMENS-BAT14 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com