전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21010DFH310Z-TK 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL21010DFH310Z-TK
상세설명  Micropower Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21010DFH310Z-TK 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL21010DFH310Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21010DFH310Z-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ISL21010
7
FN7896.1
December 8, 2011
Electrical Specifications (ISL21010-30, VOUT = 3.0V) VIN=5.0V,TA=+25°C,IOUT=0A,unlessotherwisespecified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOUT
Output Voltage
3.0
V
VOA
VOUT Accuracy @ TA = +25°C (Note 7)
-0.2
+0.2
%
TC VOUT
Output Voltage Temperature Coefficient (Note 9)
15
50
ppm/°C
VIN
Input Voltage Range
3.1
5.5
V
IIN
Supply Current
TA = +25°C
48
80
µA
TA = -40°C to +125°C
100
µA
ΔVOUT /ΔVIN
Line Regulation
3.1 V < VIN < 5.5V
73
230
µV/V
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ IOUT ≤ 25mA
48
110
µV/mA
Sinking: -1mA
≤ IOUT ≤ 0mA
10
µV/mA
VINDO
Dropout Voltage (Note 10)
IOUT = 10mA
60
150
mV
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
126
mA
tR
Turn-on Settling Time
VOUT = ±0.1%, COUT =1μF
300
µs
Ripple Rejection
f = 120Hz
62
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
86
µVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz
36
µVRMS
ΔVOUT/ΔTA
Thermal Hysteresis (Note 11)
ΔTA = +165°C
100
ppm
ΔVOUT/Δt
Long Term Stability
1000 hours, TA = +25°C
50
ppm
Electrical Specifications (ISL21010-33, VOUT = 3.3V) VIN=5.0V,TA=+25°C,IOUT=0A,unlessotherwisespecified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOUT
Output Voltage
3.3
V
VOA
VOUT Accuracy @ TA = +25°C (Note 7)
-0.2
+0.2
%
TC VOUT
Output Voltage Temperature Coefficient (Note 9)
15
50
ppm/°C
VIN
Input Voltage Range
3.4
5.5
V
IIN
Supply Current
TA = +25°C
48
80
µA
TA = -40°C to +125°C
100
µA
ΔVOUT /ΔVIN
Line Regulation
3.4 V < VIN < 5.5V
80
320
µV/V
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ IOUT ≤ 25mA
45
110
µV/mA
Sinking: -1mA
≤ IOUT ≤ 0mA
10
µV/mA
VINDO
Dropout Voltage (Note 10)
IOUT = 10mA
60
150
mV
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
126
mA
tR
Turn-on Settling Time
VOUT = ±0.1%, COUT = 1μF
300
µs
Ripple Rejection
f = 120Hz
61
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
95
µVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz
40
µVRMS
ΔVOUT/ΔTA
Thermal Hysteresis (Note 11)
ΔTA = +165°C
100
ppm
ΔVOUT/Δt
Long Term Stability
1000 hours, TA = +25°C
50
ppm


유사한 부품 번호 - ISL21010DFH310Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21010DFH310Z-TK INTERSIL-ISL21010DFH310Z-TK Datasheet
2Mb / 35P
   Micropower Voltage Reference
January 8, 2015
logo
Renesas Technology Corp
ISL21010DFH310Z-TK RENESAS-ISL21010DFH310Z-TK Datasheet
3Mb / 37P
   Micropower Voltage Reference
More results

유사한 설명 - ISL21010DFH310Z-TK

제조업체부품명데이터시트상세설명
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com