전자부품 데이터시트 검색엔진 |
|
ISL32610EFHZ-T 데이터시트(PDF) 2 Page - Intersil Corporation |
|
ISL32610EFHZ-T 데이터시트(HTML) 2 Page - Intersil Corporation |
2 / 12 page ISL32610E, ISL32611E, ISL32612E 2 FN7869.0 October 21, 2011 TABLE 1. SUMMARY OF FEATURES PART NUMBER CONFIGURATION NO. OF DEVICES ALLOWED ON BUS 1.8V, 3.3V DATA RATE (kbps) Rx ENABLE? QUIESCENT ICC (µA) LOW POWER SHUTDOWN? PIN COUNT ISL32610E Rx Only 256 256, 500 No 85 No 5 ISL32611E Rx Only 256 256, 500 Yes, Active Low 85 Yes 6 ISL32612E Rx Only 256 256, 500 Yes, Active High 85 Yes 6 Ordering Information PART NUMBER (Notes 1, 2, 3, 4) PART MARKING TEMP. RANGE (°C) PACKAGE Tape & Reel (Pb-Free) PKG. DWG. # ISL32610EFHZ-T 610F -40 to +125 5 Ld SOT-23 P5.064 ISL32610EFHZ-T7A 610F -40 to +125 5 Ld SOT-23 P5.064 ISL32611EFHZ-T 611F -40 to +125 6 Ld SOT-23 P6.064 ISL32611EFHZ-T7A 611F -40 to +125 6 Ld SOT-23 P6.064 ISL32612EFHZ-T 612F -40 to +125 6 Ld SOT-23 P6.064 ISL32612EFHZ-T7A 612F -40 to +125 6 Ld SOT-23 P6.064 NOTES: 1. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL32610E, ISL32611E, ISL32612E. For more information on MSL, please see Tech Brief TB363. 4. The part marking is located on the bottom of the part. Pin Configurations ISL32610E (5 LD SOT-23) TOP VIEW ISL32612E (6 LD SOT-23) TOP VIEW ISL32611E (6 LD SOT-23) TOP VIEW VCC GND RO 1 2 3 5 4 A B R VCC GND RO 1 2 3 6 5 4 A RE B R VCC GND RO 1 2 3 6 5 4 A RE B R Truth Table RECEIVING INPUTS OUTPUT RE / RE (Note 12) A-B RO 0 / 1 ≥ +0.2V 1 0 / 1 ≤ -0.2V 0 0 / 1 Inputs Open 1 1 / 0 X High-Z (Note 5) NOTE: 5. Low Power Shutdown Mode (Note 10, except for the ISL32610E) |
유사한 부품 번호 - ISL32610EFHZ-T |
|
유사한 설명 - ISL32610EFHZ-T |