전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS1P3L 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SS1P3L
상세설명  Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS1P3L 데이터시트(HTML) 1 Page - Vishay Siliconix

  SS1P3L Datasheet HTML 1Page - Vishay Siliconix SS1P3L Datasheet HTML 2Page - Vishay Siliconix SS1P3L Datasheet HTML 3Page - Vishay Siliconix SS1P3L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88915
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low VF High Current Density Surface Mount
Schottky Barrier Rectifiers
SS1P3L, SS1P4L
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
30 V, 40 V
IFSM
50 A
EAS
11.25 mJ
VF
0.35 V, 0.38 V
TJ max.
150 °C
DO-220AA (SMP)
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS1P3L
SS1P4L
UNIT
Device marking code
13L
14L
Maximum repetive peak reverse voltage
VRRM
30
40
V
Maximum average forward rectified current (fig. 1)
TL = 140 °C
IF(AV)
1.0
A
TL = 135 °C
1.5
Peak forward surge current 10 ms single half sine-wave superimposed
on rated load
IFSM
50
A
Non-repetitive avalanche energy at IAS = 1.5 A, L = 10 mH, TJ = 25 °C
EAS
11.25
mJ
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


유사한 부품 번호 - SS1P3L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SS1P3L VISHAY-SS1P3L Datasheet
364Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
07-Feb-06
logo
Texas Instruments
SS1P3L TI-SS1P3L Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
logo
Vishay Siliconix
SS1P3L VISHAY-SS1P3L Datasheet
138Kb / 5P
   Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS1P3L-E3/84A VISHAY-SS1P3L-E3/84A Datasheet
364Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
07-Feb-06
SS1P3L-E3/85A VISHAY-SS1P3L-E3/85A Datasheet
364Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
07-Feb-06
More results

유사한 설명 - SS1P3L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SS1P3L-M3 VISHAY-SS1P3L-M3 Datasheet
90Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P2L-M3-84A VISHAY-SS2P2L-M3-84A Datasheet
86Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P2L VISHAY-SS2P2L_V01 Datasheet
101Kb / 5P
   Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS2P2L VISHAY-SS2P2L_11 Datasheet
84Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P2L VISHAY-SS2P2L Datasheet
91Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 16-May-07
SS1P3L VISHAY-SS1P3L_V01 Datasheet
138Kb / 5P
   Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS2P3L-M3 VISHAY-SS2P3L-M3 Datasheet
84Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS3P5L VISHAY-SS3P5L_V01 Datasheet
108Kb / 5P
   Low VF High Current Density Surface-Mount Schottky Barrier Rectifiers
01-Jan-2022
SS3P5L VISHAY-SS3P5L_11 Datasheet
97Kb / 5P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
SS2P2L VISHAY-SS2P2L_15 Datasheet
79Kb / 4P
   Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 13-Apr-15
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com