전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2015D1YZHT 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2015D1YZHT
상세설명  2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2015D1YZHT 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA2015D1YZHT Datasheet HTML 4Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 5Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 6Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 7Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 8Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 9Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 10Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 11Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
VBAT − Supply Voltage − V
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
1.0
2.0
3.0
4.0
5.0
6.0
RAGC = Float
RAGC = 39 kΩ
RAGC = 27 kΩ
RAGC = 18 kΩ
RL = 8 Ω + 33 µH
VIN = 0.45 VRMS
f = 1 kHz
Gain = 20 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
Po = 25 mW
Po = 125 mW
Po = 200 mW
VBAT = 2.5 V
RL = 8 Ω + 33 µH
RAGC = Float
Gain = 6 dB
VBAT − Supply Voltage − V
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
0.0
0.5
1.0
1.5
2.0
2.5
RAGC = Float
RAGC = 39 kΩ
RAGC = 27 kΩ
RAGC = 18 kΩ
RL = 8 Ω + 33 µH
VIN = 0.45 VRMS
f = 1 kHz
Gain = 20 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
Po = 50 mW
Po = 250 mW
Po = 500 mW
VBAT = 3.6 V
RL = 8 Ω + 33 µH
RAGC = Float
Gain = 6 dB
VBAT − Supply Voltage − V
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
0.0
0.2
0.4
0.6
0.8
1.0
RAGC = Float
RAGC = 39 kΩ
RAGC = 27 kΩ
RAGC = 18 kΩ
RL = 8 Ω + 33 µH
VIN = 0.45 VRMS
f = 1 kHz
Gain = 20 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
Po = 100 mW
Po = 500 mW
Po = 1W
VBAT = 4.2 V
RL = 8 Ω + 33 µH
RAGC = Float
Gain = 6 dB
TPA2015D1
SLOS638A
– NOVEMBER 2011 – REVISED NOVEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VBAT = 3.6 V, Gain = 6 dB, CI = 1 µF, CBOOST = 22 µF, LBOOST = 2.2 µH, AGC = Float, ENB = END = VBAT, and
Load = 8
Ω + 33 µH unless otherwise specified.
SPACER
Figure 7. MAXIMUM OUTPUT VOLTAGE vs SUPPLY
Figure 8. TOTAL HARMONIC DISTORTION + NOISE vs
VOLTAGE
FREQUENCY
Figure 9. OUTPUT POWER vs SUPPLY VOLTAGE
Figure 10. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
Figure 11. SUPPLY CURRENT vs SUPPLY VOLTAGE
Figure 12. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPA2015D1


유사한 부품 번호 - TPA2015D1YZHT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
More results

유사한 설명 - TPA2015D1YZHT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com