전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDCR1050M 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 TDCR1050M
상세설명  Clock Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDCR1050M 데이터시트(HTML) 1 Page - Vishay Siliconix

  TDCR1050M Datasheet HTML 1Page - Vishay Siliconix TDCR1050M Datasheet HTML 2Page - Vishay Siliconix TDCR1050M Datasheet HTML 3Page - Vishay Siliconix TDCR1050M Datasheet HTML 4Page - Vishay Siliconix TDCR1050M Datasheet HTML 5Page - Vishay Siliconix TDCR1050M Datasheet HTML 6Page - Vishay Siliconix TDCR1050M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 83180
For technical questions, contact: LED@Vishay.com
www.vishay.com
Rev. 1.5, 07-Dec-09
1
Clock Display
TDCG10..m, TDCR10..m, TDCY10..m
Vishay Semiconductors
DESCRIPTION
Four digit display, with 10 mm digit charactersize. Designed
as clock display with active colon between digit two and
three.
FEATURES
• High efficient AlInGAP technology
• Dark surface, white segments
• Common anode (TDC.1050m)
• Common cathode (TDC.1060m)
• Multiplex mode
• Recommended viewing distance up to 7 m
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• Clock
modules
for
video/audioequipment,
instrumentation, set top boxes
PRODUCT GROUP AND PACKAGE DATA
• Product group: display
• Package: 10 mm clock
• Product series: standard
• Angle of half intensity: ± 50°
Note
(1) Tamb = 25 °C, unless otherwise specified
16770
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY AT 10 mA
CIRCUITRY
TDCG1050m
Green
IV = (2800 to 4000) μcd
Common anode
TDCG1060m
Green
IV = (2800 to 4000) μcd
Common cathode
TDCR1050m
Red
IV = (4000 to 6000) μcd
Common anode
TDCR1060m
Red
IV = (4000 to 6000) μcd
Common cathode
TDCY1050m
Super yellow
IV = (4000 to 8000) μcd
Common anode
TDCY1060m
Super yellow
IV = (4000 to 8000) μcd
Common cathode
ABSOLUTE MAXIMUM RATINGS (1) TDCG1050m, TDCG1060m, TDCR1050m, TDCR1060m,
TDCY1050m, TDCY1060m
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage per segment
VR
5V
DC forward current per segment
IF
25
mA
Peak forward current per
segment
Duty 1/10 at 1 kHz
IFM
160
mA
Power dissipation
PV
60
mW
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Tsd
260 ± 5
°C


유사한 부품 번호 - TDCR1050M

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TDCR1050M VISHAY-TDCR1050M Datasheet
253Kb / 7P
   Clock Display
Rev. 1.4, 31-Aug-04
TDCR1050M VISHAY-TDCR1050M Datasheet
245Kb / 7P
   Clock Display
Rev. 1.6, 17-Apr-13
TDCR1050M VISHAY-TDCR1050M Datasheet
246Kb / 7P
   Clock Display
01-Jan-2022
TDCR1050M VISHAY-TDCR1050M Datasheet
245Kb / 7P
   Clock Display
01-Jan-2023
More results

유사한 설명 - TDCR1050M

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TDCG VISHAY-TDCG Datasheet
253Kb / 7P
   Clock Display
Rev. 1.4, 31-Aug-04
TDCG1050M VISHAY-TDCG1050M_V02 Datasheet
245Kb / 7P
   Clock Display
01-Jan-2023
TDCG1050M VISHAY-TDCG1050M_V01 Datasheet
246Kb / 7P
   Clock Display
01-Jan-2022
TDCG10M VISHAY-TDCG10M Datasheet
245Kb / 7P
   Clock Display
Rev. 1.6, 17-Apr-13
logo
Extech Instruments Corp...
365515 EXTECH-365515 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
365515 EXTECH-365515_15 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
logo
Marktech Corporate
MTN2428-14C MARKTECH-MTN2428-14C Datasheet
44Kb / 1P
   Marktech 0.28 Clock (Std.) Display
logo
List of Unclassifed Man...
TKD8001 ETC1-TKD8001 Datasheet
890Kb / 13P
   Clock Synthesizer and Display DAC
logo
Silan Microelectronics ...
SC3610 SILAN-SC3610 Datasheet
258Kb / 16P
   FREQUENCY AND CLOCK DISPLAY DRIVER
logo
Micro Electronics
MO461C MICRO-ELECTRONICS-MO461C Datasheet
74Kb / 2P
   0.6 FOUR DIGIT LED CLOCK DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com