전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDSL1160 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 TDSL1160
상세설명  Low Current 7 mm Seven Segment Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSL1160 데이터시트(HTML) 4 Page - Vishay Siliconix

  TDSL1160 Datasheet HTML 1Page - Vishay Siliconix TDSL1160 Datasheet HTML 2Page - Vishay Siliconix TDSL1160 Datasheet HTML 3Page - Vishay Siliconix TDSL1160 Datasheet HTML 4Page - Vishay Siliconix TDSL1160 Datasheet HTML 5Page - Vishay Siliconix TDSL1160 Datasheet HTML 6Page - Vishay Siliconix TDSL1160 Datasheet HTML 7Page - Vishay Siliconix TDSL1160 Datasheet HTML 8Page - Vishay Siliconix TDSL1160 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: LED@Vishay.com
Document Number: 83121
4
Rev. 1.5, 25-Jan-10
TDSL11..
Vishay Semiconductors Low Current 7 mm Seven Segment Display
PACKAGE DIMENSIONS in millimeters
95 11342
Drawing-No.: 6.544-5083.01-4
Issue: 1; 21.11.95


유사한 부품 번호 - TDSL1160

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TDSL1160 VISHAY-TDSL1160 Datasheet
169Kb / 6P
   Low Current 7 mm Seven Segment Display
Rev. 1.4, 31-Aug-04
TDSL1160 VISHAY-TDSL1160 Datasheet
152Kb / 9P
   Low Current 7 mm 7-Segment Display
01-Jan-2022
TDSL1160 VISHAY-TDSL1160 Datasheet
151Kb / 9P
   Low Current 7 mm 7-Segment Display
01-Jan-2023
More results

유사한 설명 - TDSL1160

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
   Low Current 7 mm Seven Segment Display
Rev. 1.4, 31-Aug-04
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
   7 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL3150 VISHAY-TDSL3150 Datasheet
74Kb / 6P
   Low Current 10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
TDSL11 VISHAY-TDSL11_V01 Datasheet
152Kb / 9P
   Low Current 7 mm 7-Segment Display
01-Jan-2022
TDSL1150 VISHAY-TDSL1150_V01 Datasheet
151Kb / 9P
   Low Current 7 mm 7-Segment Display
01-Jan-2023
TDSL5150 VISHAY-TDSL5150_V01 Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com