전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDSL3160 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 TDSL3160
상세설명  Low Current 10 mm Seven Segment Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSL3160 데이터시트(HTML) 2 Page - Vishay Siliconix

  TDSL3160 Datasheet HTML 1Page - Vishay Siliconix TDSL3160 Datasheet HTML 2Page - Vishay Siliconix TDSL3160 Datasheet HTML 3Page - Vishay Siliconix TDSL3160 Datasheet HTML 4Page - Vishay Siliconix TDSL3160 Datasheet HTML 5Page - Vishay Siliconix TDSL3160 Datasheet HTML 6Page - Vishay Siliconix TDSL3160 Datasheet HTML 7Page - Vishay Siliconix TDSL3160 Datasheet HTML 8Page - Vishay Siliconix TDSL3160 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: LED@Vishay.com
Document Number: 83122
2
Rev. 1.4, 22-Jan-10
TDSL31..
Vishay Semiconductors Low Current 10 mm Seven Segment Display
Notes
(1) Tamb = 25 °C, unless otherwise specified
(2) IVmin. and IV groups are mean values of all segments (a to g, D1 to D4), matching factor within segments is ≥ 0.5, excluding decimal points
and colon.
BASIC CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Rel. Luminous Intensity vs. Angular Displacement
OPTICAL AND ELECTRICAL CHARACTERISTICS (1) TDSL3150, TDSL3160, RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity per segment (2)
(digit average)
IF = 2 mA
TDSL3150
IV
180
260
-
μcd
TDSL3160
180
260
-
Dominant wavelength
IF = 2 mA
TDSL3150,
TDSL3160
λ
d
612
-
625
nm
Peak wavelength
IF = 2 mA
λ
p
-
635
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 50
-
deg
Forward voltage per segment
IF = 2 mA
VF
-1.8
2.4
V
IF = 20 mA
VF
-2.7
3
V
Reverse voltage per segment
IF = 10 μA
VR
620
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-30
-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (μcd)
STANDARD
MIN.
MAX.
E
180
360
F
280
560
G
450
900
H
700
1400
I
1100
2200
K
1800
3600
0
5
10
15
20
30
Tamb - Ambient Temperature (°C)
95 11484
25
0
204060
80
100
0.4
0.2
0
95 10082
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0


유사한 부품 번호 - TDSL3160

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TDSL3160 VISHAY-TDSL3160 Datasheet
74Kb / 6P
   Low Current 10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL3160 VISHAY-TDSL3160 Datasheet
111Kb / 7P
   Low Current 10 mm 7-Segment Display
01-Jan-2022
TDSL3160 VISHAY-TDSL3160 Datasheet
110Kb / 7P
   Low Current 10 mm 7-Segment Display
01-Jan-2023
More results

유사한 설명 - TDSL3160

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TDSL3150 VISHAY-TDSL3150 Datasheet
74Kb / 6P
   Low Current 10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
   Low Current 7 mm Seven Segment Display
Rev. 1.4, 31-Aug-04
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL1150 VISHAY-TDSL1150_10 Datasheet
155Kb / 9P
   Low Current 7 mm Seven Segment Display
Rev. 1.5, 25-Jan-10
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSL31 VISHAY-TDSL31_V01 Datasheet
111Kb / 7P
   Low Current 10 mm 7-Segment Display
01-Jan-2022
TDSL3150 VISHAY-TDSL3150_V01 Datasheet
110Kb / 7P
   Low Current 10 mm 7-Segment Display
01-Jan-2023
logo
Siemens Semiconductor G...
HDN1075O SIEMENS-HDN1075O Datasheet
511Kb / 5P
   SEVEN SEGMENT DISPLAY 7MM LOW CURRENT VERSION
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com