전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC328-16 데이터시트(PDF) 3 Page - Siemens Semiconductor Group

부품명 BC328-16
상세설명  PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC328-16 데이터시트(HTML) 3 Page - Siemens Semiconductor Group

  BC328-16 Datasheet HTML 1Page - Siemens Semiconductor Group BC328-16 Datasheet HTML 2Page - Siemens Semiconductor Group BC328-16 Datasheet HTML 3Page - Siemens Semiconductor Group BC328-16 Datasheet HTML 4Page - Siemens Semiconductor Group BC328-16 Datasheet HTML 5Page - Siemens Semiconductor Group BC328-16 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Semiconductor Group
3
BC 327
BC 328
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 100 mA; VCE = 1 V
BC 327/16; BC 328/16
BC 327/25; BC 328/25
BC 327/40; BC 328/40
IC = 300 mA; VCE = 1 V
BC 327/16; BC 328/16
BC 327/25; BC 328/25
BC 327/40; BC 328/40
hFE
100
160
250
60
100
170
160
250
350
250
400
630
V
Collector-emitter breakdown voltage
IC = 10 mA
BC 327
BC 328
V(BR)CE0
45
25
nA
nA
µA
µA
Collector cutoff current
VCB = 25 V
BC 328
VCB = 45 V
BC 327
VCB = 25 V, TA = 150 ˚C
BC 328
VCB = 45 V, TA = 150 ˚C
BC 327
ICB0
100
100
10
10
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 100
µA
BC 327
BC 328
V(BR)CB0
50
30
Emitter-base breakdown voltage
IE = 10
µA
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 500 mA; IB = 50 mA
VCEsat
0.7
Base-emitter saturation voltage1)
IC = 500 mA; IB = 50 mA
VBEsat
––2
nA
Emitter cutoff current
VEB = 4 V
IEB0
100
1)
Pulse test: t
300 µs, D 2%.


유사한 부품 번호 - BC328-16

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC328-16 MOTOROLA-BC328-16 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
Diotec Semiconductor
BC328-16 DIOTEC-BC328-16 Datasheet
143Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Micro Commercial Compon...
BC328-16 MCC-BC328-16 Datasheet
341Kb / 3P
   PNP Plastic-Encapsulate Transistors
BC328-16 MCC-BC328-16 Datasheet
390Kb / 3P
   PNP Plastic-Encapsulate Transistors
BC328-16 MCC-BC328-16 Datasheet
423Kb / 3P
   PNP Plastic-Encapsulate Transistors
More results

유사한 설명 - BC328-16

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com