전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP53M 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 BCP53M
상세설명  PNP Silicon AF Transistor (For AF driver and output stages High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP53M 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  BCP53M Datasheet HTML 1Page - Siemens Semiconductor Group BCP53M Datasheet HTML 2Page - Siemens Semiconductor Group BCP53M Datasheet HTML 3Page - Siemens Semiconductor Group BCP53M Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BCP 51M ... BCP 53M
1
Semiconductor Group
Au -11-1998
PNP Silicon AF Transistor
• For AF driver and output stages
• High collector current
• Low collector-emitter saturation voltage
• Complementary types: BCP 54M...BCP 56M(NPN)
VPW05980
1
2
3
5
4
Type
Marking Ordering Code Pin Configuration
Package
SCT-595
2 = C
5 = C
3 = E
1 = B
BCP 51M
BCP 52M
BCP 53M
AAs
AEs
AHs
Q62702-C2592
Q62702-C2593
Q62702-C2594
4 n.c.
Maximum Ratings
Parameter
Symbol
BCP 53M Unit
BCP 52M
BCP 51M
V
45
VCEO
60
80
Collector-emitter voltage
VCBO
45
100
Collector-base voltage
60
5
VEBO
5
Emitter-base voltage
5
mA
DC collector current
IC
1
Peak collector current
ICM
A
1.5
100
mA
Base current
IB
Peak base current
200
IBM
Ptot
1.7
W
Total power dissipation,
TS ≤ 77 °C
°C
150
Junction temperature
Tj
Storage temperature
Tstg
-65...+150
Thermal Resistance
RthJA
≤98
Junction ambient 1)
K/W
Junction - soldering point
RthJS
≤43
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm 2 Cu
Semiconductor Group
1
1998-11-01


유사한 부품 번호 - BCP53M

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCP53 PHILIPS-BCP53 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
SeCoS Halbleitertechnol...
BCP53 SECOS-BCP53 Datasheet
303Kb / 2P
   PNP Silicon Medium Power Transistor
logo
GUANGDONG HOTTECH INDUS...
BCP53 HOTTECH-BCP53 Datasheet
183Kb / 2P
   Plastic-Encapsulate Transistors
logo
STMicroelectronics
BCP53 STMICROELECTRONICS-BCP53 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
October 1997
logo
Diodes Incorporated
BCP53 DIODES-BCP53 Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
More results

유사한 설명 - BCP53M

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BDP952 SIEMENS-BDP952 Datasheet
40Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP948 SIEMENS-BDP948 Datasheet
39Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BCP72M SIEMENS-BCP72M Datasheet
30Kb / 4P
   PNP Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
BCP71M SIEMENS-BCP71M Datasheet
30Kb / 4P
   NPN Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com