전자부품 데이터시트 검색엔진 |
|
BCP55-10 데이터시트(PDF) 3 Page - Siemens Semiconductor Group |
|
BCP55-10 데이터시트(HTML) 3 Page - Siemens Semiconductor Group |
3 / 5 page Semiconductor Group 3 BCP 54 ... BCP 56 Electrical Characteristics at TA = 25 ˚C, unless otherwise specified. V Collector-emitter breakdown voltage IC = 10 mA, IB = 0 BCP 54 BCP 55 BCP 56 V(BR)CE0 45 60 80 – – – – – – nA µA Collector-base cutoff current VCB = 30 V, IE = 0 VCB = 30 V, IE = 0, TA = 150 ˚C ICB0 – – – – 100 20 Unit Values Parameter Symbol min. typ. max. DC characteristics Collector-base breakdown voltage1) IC = 100 µA, IB = 0 BCP 54 BCP 55 BCP 56 V(BR)CB0 45 60 100 – – – – – – Emitter-base breakdown voltage IE = 10 µA, IC = 0 V(BR)EB0 5–– V Collector-emitter saturation voltage1) IC = 500 mA, IB = 50 mA VCEsat – – 0.5 – DC current gain IC = 5 mA, VCE = 2 V IC = 150 mA, VCE = 2 V BCP 54/BCP 55/BCP 56 BCP 54/BCP 55/BCP 56-10 BCP 54/BCP 55/BCP 56-16 IC = 500 mA, VCE = 2 V hFE 25 40 63 100 25 – – 100 160 – – 250 160 250 – Base-emitter voltage1) IC = 500 mA, VCE = 2 V VBE ––1 µA Emitter-base cutoff current VEB = 5 V IEB0 ––10 MHz Transition frequency IC = 50 mA, VCE = 10 V, f = 100 MHz fT – 100 – AC characteristics 1) Pulse test conditions: t ≤ 300 µs, D = 2 %. |
유사한 부품 번호 - BCP55-10 |
|
유사한 설명 - BCP55-10 |