전자부품 데이터시트 검색엔진 |
|
KAR02SJGR 데이터시트(PDF) 1 Page - E-SWITCH |
|
KAR02SJGR 데이터시트(HTML) 1 Page - E-SWITCH |
1 / 3 page SERIES KAR SWITCHES Switch Function: SPST, 1 thru 12 positions (excluding position 11) Contact Rating: Switch: 25mA @24VDC; Carry: 100mA @50VDC Insulation Resistance: 1,000 Megaohms min @ 100VDC Contact Resistance: Initial: 50 milliohms max After Life: 100 milliohms max Mechanical Life: 2000 make-and-break cycles, each circuit Operating Force: 500gf max Dielectric Strength: 500 VAC for 60 seconds Storage Temperature: -40C to +85C Operating Temperature: -30C to +85C Specifications subject to change without notice. SERIES PACKAGING 02 = 2 03 = 3 04 = 4 05 = 5 06 = 6 08 = 8 10 = 10 12 = 12 NO. of POSITIONS T = Std. Tube Qty. (Pin Termination) R = Tape & Reel (SMT Termination only) KA PIANO DIP SWITCheS 7153 NORTHLAND DRIvE NORTH BROOKLyN PARK, MN 55428 www.e-switch.com email: info@e-switch.com SPECIFICATIONS MATERIALS HOW TO ORDER PhONe: 763.504.3525 FAx: 763.531.8235 Example Ordering Number: KA R 08 S H G R FEATURES & BENEFITS •Process sealed option •SMT termination option •Low profile actuator APPLICATIONS / MARKETS • Garage door openers • Controller applications • Telecommunications • Testing/instrumentation Base & Cover: PPS, UL94-V0 Actuator: Nylon, UL94-V0 Movable Contacts: Copper alloy with gold over tin plate Terminal Contacts: Brass with gold over tin plate PACKAGING Switches are supplied with all poles in the “OFF” position. R = Low Profile MODEL NO. L = Extended S = Low Profile (w/o tape seal) ACTUATOR ("L" Dimension) A = Splayed Pins H = Straight Pins J = J-Leads G = Gull Wing TERMINATION G = Gold TERMINAL FINISH |
유사한 부품 번호 - KAR02SJGR |
|
유사한 설명 - KAR02SJGR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |