전자부품 데이터시트 검색엔진 |
|
TL1265BQSBLK 데이터시트(PDF) 1 Page - E-SWITCH |
|
TL1265BQSBLK 데이터시트(HTML) 1 Page - E-SWITCH |
1 / 2 page www.e-switch.com 800.867.2717 RoHS TL1265 SERIES FEATURES & BENEFITS APPLICATIONS / MARKETS Audio / Visual Computer Peripherals Consumer Electronics Instrumentation Medical Equipment Telecommunication 1 TL 1265 BLK - Black GRN - Green RED - Red GRY - Gray YEL - Yellow CLR - Clear * * * * ** A - None B - Blue R - Red G - Green Y - Yellow W - White Q - Silver R - 8mm Diameter, Round Flat S - 5mm Diameter, Round T - 4.7mm Diameter, Round N - No Cap Series Model Cap Color LED Option Contact Material Cap Option Electrical Rating: 50mA 12VDC Life Expectancy: 500,000 Cycles Contact Resistance: 100mΩ Max. Insulation Resistance: 100MΩ Min. at 500VDC Dielectric Strength: 500VDC for 1 Minute Operating Temperature: -20°C to 70°C Operating Force: 160gf ± 50gf Travel: 0.20mm ± 0.10mm Function: SPST, Off-(On), Momentary Specifications subject to change without notice SPECIFICATIONS PART NUMBER CONFIGURATOR • 500,000 cycle life expectancy • Multiple cap options • Illumination options * Available in “R” cap option only ** “CLR” cap not available in “R” cap option |
유사한 부품 번호 - TL1265BQSBLK |
|
유사한 설명 - TL1265BQSBLK |