전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL6100AF500QP 데이터시트(PDF) 1 Page - E-SWITCH

부품명 TL6100AF500QP
상세설명  TACT SWITCHES - SEALED THRU-HOLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  E-SWITCH [E-SWITCH]
홈페이지  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL6100AF500QP 데이터시트(HTML) 1 Page - E-SWITCH

  TL6100AF500QP Datasheet HTML 1Page - E-SWITCH TL6100AF500QP Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.e-switch.com
info@e-switch.com
37
Specifications subject to change without notice.
SERIES
OPERATING
FORCE
CONTACT
MATERIAL
ACTUATOR
("L" Dimension)
6100
6105 =
Earth Ground
F130
F160
F300
F500
Q = Silver
R = Gold
P = PC Pin
MODEL NO.
TL
Example Ordering Number
TL _ 6100 _ A_ F130 _ Q _P
SPECIFICATIONS
Contact Rating:
50mA@50 VDC
Life Expectancy:
50,000 cycles
Contact Resistance:
50mΩ max., typical @ 5 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
10000MΩ min.
Dielectric Strength:
300 VAC
Actuation Force:
130± 50 gf, 160± 50 gf, 300± 50 gf, 500± 100 gf
Operating Temperature: -40°C to 85°C
MATERIALS
Housing:
Nylon
Frame:
Copper alloy, tin plated
Actuator:
Nylon
Moving Contact:
Phoz. Bronze, plated
Terminals:
Copper alloy, plated
HOW TO ORDER
A = 4.70mm
B = 5.20mm
C = 6.90mm
D = 10.0mm
TERMINATION
TL
6110
Right Angle
F130
F160
F300
F500
Q = Silver
R = Gold
P = PC Pin
A = 3.50mm
B = 4.00mm
C = 5.70mm
D = 8.70mm
TL
Example Ordering Number
TL _ 6120 _ B_ F160_ Q_G
FEATURES & BENEFITS
Multiple gram force options
Multiple actuator lengths
Process Sealed
APPLICATIONS/MARKETS
Telecommunications
Consumer Electronics
Audio/visual
Medical
Testing/instrumentation
Computer/servers/peripherals
6120
Surface Mount
F130
F160
F300
F500
Q = Silver
R = Gold
G = Gullwing
A = 4.70mm
B = 5.20mm
C = 6.90mm
D = 10.00mm
TL
Example Ordering Number
TL _ 6110 _ C_ F300_ R_P
SERIES TL 6100 SWITCHES
TACT SWITCHES - SEALED THRU-HOLE


유사한 부품 번호 - TL6100AF500QP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL610 TI-TL610 Datasheet
307Kb / 6P
[Old version datasheet]   P MOS ANALOG SWITCHES
TL610CP TI1-TL610CP Datasheet
125Kb / 9P
[Old version datasheet]   P-MOS ANALOG SWITCHES
More results

유사한 설명 - TL6100AF500QP

제조업체부품명데이터시트상세설명
logo
C&K Components
KSI CK-COMPONENTS-KSI Datasheet
448Kb / 2P
   Sealed Tact Switches
logo
ITT Industries
KSI ITT-KSI Datasheet
72Kb / 3P
   Sealed Tact Switches
logo
E-SWITCH
TL6700 E-SWITCH-TL6700 Datasheet
1Mb / 1P
   SEALED SMT TACT SWITCHES
logo
List of Unclassifed Man...
MJTP_6MM ETC2-MJTP_6MM Datasheet
343Kb / 5P
   MJTP SERIES 6MM THRU-HOLE MTG TACT SWITCHES
logo
E-SWITCH
TL6190 E-SWITCH-TL6190 Datasheet
175Kb / 1P
   TACT SWITCHES - SEALED RIGHT ANGLE
logo
C&K Components
KSC9 CK-COMPONENTS-KSC9 Datasheet
112Kb / 1P
   Sealed Tact Switches for SMT
2021
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
   TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
   TACT SWITCHES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com