전자부품 데이터시트 검색엔진 |
|
TS6001B 데이터시트(PDF) 2 Page - Touchstone Semiconductor Inc |
|
TS6001B 데이터시트(HTML) 2 Page - Touchstone Semiconductor Inc |
2 / 12 page TS6001 Page 2 TS6001DS r1p0 RTFDS ABSOLUTE MAXIMUM RATINGS IN to GND............................................................... -0.3V to +13.5V OUT to GND.................................................................. -0.3V to 7V Short Circuit to GND or IN (VIN < 6V) ............................. Continuous Output Short Circuit to GND or IN (VIN ≥ 6V).............................. 60s Continuous Power Dissipation (TA = +70°C) 3-Pin SOT23 (Derate at 4.0mW/°C above +70°C) .........320mW Operating Temperature Range................................ -40°C to +85°C Storage Temperature Range................................. -65°C to +150°C Lead Temperature (Soldering, 10s) ..................................... +300°C Electrical and thermal s tresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and lifetime. PACKAGE/ORDERING INFORMATION ORDER NUMBER PART MARKING CARRIERQUANTITY TS6001AIG325TP AAG Tape & Reel ----- TS6001AIG325T Tape & Reel 3000 TS6001BIG325TP AAH Tape & Reel ----- TS6001BIG325T Tape & Reel 3000 Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging. Consult Touchstone Semiconductor for products specified with wider operating temperature ranges. |
유사한 부품 번호 - TS6001B |
|
유사한 설명 - TS6001B |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |