전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A000004 데이터시트(PDF) 12 Page - ATMEL Corporation

부품명 A000004
상세설명  8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

A000004 데이터시트(HTML) 12 Page - ATMEL Corporation

Back Button A000004 Datasheet HTML 8Page - ATMEL Corporation A000004 Datasheet HTML 9Page - ATMEL Corporation A000004 Datasheet HTML 10Page - ATMEL Corporation A000004 Datasheet HTML 11Page - ATMEL Corporation A000004 Datasheet HTML 12Page - ATMEL Corporation A000004 Datasheet HTML 13Page - ATMEL Corporation A000004 Datasheet HTML 14Page - ATMEL Corporation A000004 Datasheet HTML 15Page - ATMEL Corporation A000004 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
8271DS–AVR–05/11
ATmega48A/PA/88A/PA/168A/PA/328/P
Note:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses
should never be written.
2. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these
registers, the value of single bits can be checked by using the SBIS and SBIC instructions.
3. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI
instructions will only operate on the specified bit, and can therefore be used on registers containing such Status Flags. The
CBI and SBI instructions work with registers 0x00 to 0x1F only.
4. When using the I/O specific commands IN and OUT, the I/O addresses 0x00 - 0x3F must be used. When addressing I/O
Registers as data space using LD and ST instructions, 0x20 must be added to these addresses. The
ATmega48A/PA/88A/PA/168A/PA/328/P is a complex microcontroller with more peripheral units than can be supported
within the 64 location reserved in Opcode for the IN and OUT instructions. For the Extended I/O space from 0x60 - 0xFF in
SRAM, only the ST/STS/STD and LD/LDS/LDD instructions can be used.
5. Only valid for ATmega88A/88PA/168A/168PA/328/328P.
6. BODS and BODSE only available for picoPower devices ATmega48PA/88PA/168PA/328P
0x1B (0x3B)
PCIFR
PCIF2
PCIF1
PCIF0
0x1A (0x3A)
Reserved
0x19 (0x39)
Reserved
0x18 (0x38)
Reserved
0x17 (0x37)
TIFR2
OCF2B
OCF2A
TOV2
165
0x16 (0x36)
TIFR1
–ICF1
OCF1B
OCF1A
TOV1
141
0x15 (0x35)
TIFR0
OCF0B
OCF0A
TOV0
0x14 (0x34)
Reserved
0x13 (0x33)
Reserved
0x12 (0x32)
Reserved
0x11 (0x31)
Reserved
0x10 (0x30)
Reserved
0x0F (0x2F)
Reserved
0x0E (0x2E)
Reserved
0x0D (0x2D)
Reserved
0x0C (0x2C)
Reserved
0x0B (0x2B)
PORTD
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
95
0x0A (0x2A)
DDRD
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
95
0x09 (0x29)
PIND
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
95
0x08 (0x28)
PORTC
PORTC6
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
94
0x07 (0x27)
DDRC
DDC6
DDC5
DDC4
DDC3
DDC2
DDC1
DDC0
94
0x06 (0x26)
PINC
PINC6
PINC5
PINC4
PINC3
PINC2
PINC1
PINC0
94
0x05 (0x25)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
94
0x04 (0x24)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
94
0x03 (0x23)
PINB
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
94
0x02 (0x22)
Reserved
0x01 (0x21)
Reserved
0x0 (0x20)
Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


유사한 부품 번호 - A000004

제조업체부품명데이터시트상세설명
logo
Glenair, Inc.
A0000032348-1 GLENAIR-A0000032348-1 Datasheet
369Kb / 2P
   Backshells and accessories Series 77 heatshrink boots
logo
List of Unclassifed Man...
A000005 ETC-A000005 Datasheet
303Kb / 4P
   The Arduino Nano is a small, complete, and breadboard-friendly board based on the ATmega328 (Arduino Nano 3.0) or ATmega168 (Arduino Nano 2.x).
logo
Arduino
A000005 ARDUINO-A000005 Datasheet
4Mb / 49P
   ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
More results

유사한 설명 - A000004

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATMEGA48A ATMEL-ATMEGA48A_10 Datasheet
592Kb / 33P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P Datasheet
445Kb / 25P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A Datasheet
499Kb / 32P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P_08 Datasheet
420Kb / 26P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48PA ATMEL-ATMEGA48PA_1 Datasheet
12Mb / 448P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48PV ATMEL-ATMEGA48PV_11 Datasheet
401Kb / 27P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA328P-20AU ATMEL-ATMEGA328P-20AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com