전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A000004 데이터시트(PDF) 16 Page - ATMEL Corporation

부품명 A000004
상세설명  8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

A000004 데이터시트(HTML) 16 Page - ATMEL Corporation

Back Button A000004 Datasheet HTML 12Page - ATMEL Corporation A000004 Datasheet HTML 13Page - ATMEL Corporation A000004 Datasheet HTML 14Page - ATMEL Corporation A000004 Datasheet HTML 15Page - ATMEL Corporation A000004 Datasheet HTML 16Page - ATMEL Corporation A000004 Datasheet HTML 17Page - ATMEL Corporation A000004 Datasheet HTML 18Page - ATMEL Corporation A000004 Datasheet HTML 19Page - ATMEL Corporation A000004 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
16
8271DS–AVR–05/11
ATmega48A/PA/88A/PA/168A/PA/328/P
9.
Ordering Information
9.1
ATmega48A
Note:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive).Also
Halide free and fully Green.
3. See ”Speed Grades” on page 322.
4. NiPdAu Lead Finish.
5. Tape & Reel.
Speed (MHz)
Power Supply (V)
Ordering Code(2)
Package(1)
Operational Range
20(3)
1.8 - 5.5
ATmega48A-AU
ATmega48A-AUR(5)
ATmega48A-CCU
ATmega48A-CCUR(5)
ATmega48A-MMH(4)
ATmega48A-MMHR(4)(5)
ATmega48A-MU
ATmega48A-MUR(5)
ATmega48A-PU
32A
32A
32CC1
32CC1
28M1
28M1
32M1-A
32M1-A
28P3
Industrial
(-40°C to 85°C)
Package Type
32A
32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP)
32CC1
32-ball, 4 x 4 x 0.6 mm package, ball pitch 0.5 mm, Ultra Thin, Fine-Pitch Ball Grill Array (UFBGA)
28M1
28-pad, 4 x 4 x 1.0 body, Lead Pitch 0.45 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
32M1-A
32-pad, 5 x 5 x 1.0 body, Lead Pitch 0.50 mm Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
28P3
28-lead, 0.300” Wide, Plastic Dual Inline Package (PDIP)


유사한 부품 번호 - A000004

제조업체부품명데이터시트상세설명
logo
Glenair, Inc.
A0000032348-1 GLENAIR-A0000032348-1 Datasheet
369Kb / 2P
   Backshells and accessories Series 77 heatshrink boots
logo
List of Unclassifed Man...
A000005 ETC-A000005 Datasheet
303Kb / 4P
   The Arduino Nano is a small, complete, and breadboard-friendly board based on the ATmega328 (Arduino Nano 3.0) or ATmega168 (Arduino Nano 2.x).
logo
Arduino
A000005 ARDUINO-A000005 Datasheet
4Mb / 49P
   ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
More results

유사한 설명 - A000004

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATMEGA48A ATMEL-ATMEGA48A_10 Datasheet
592Kb / 33P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P Datasheet
445Kb / 25P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A Datasheet
499Kb / 32P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P_08 Datasheet
420Kb / 26P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48PA ATMEL-ATMEGA48PA_1 Datasheet
12Mb / 448P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48PV ATMEL-ATMEGA48PV_11 Datasheet
401Kb / 27P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA328P-20AU ATMEL-ATMEGA328P-20AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com