전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A000063 데이터시트(PDF) 32 Page - ATMEL Corporation

부품명 A000063
상세설명  8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

A000063 데이터시트(HTML) 32 Page - ATMEL Corporation

Back Button A000063 Datasheet HTML 28Page - ATMEL Corporation A000063 Datasheet HTML 29Page - ATMEL Corporation A000063 Datasheet HTML 30Page - ATMEL Corporation A000063 Datasheet HTML 31Page - ATMEL Corporation A000063 Datasheet HTML 32Page - ATMEL Corporation A000063 Datasheet HTML 33Page - ATMEL Corporation A000063 Datasheet HTML 34Page - ATMEL Corporation A000063 Datasheet HTML 35Page - ATMEL Corporation A000063 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
32
2549NS–AVR–05/11
ATmega640/1280/1281/2560/2561
11.12 ATmega2560 rev. A
Non-Read-While-Write area of flash not functional
Part does not work under 2.4 volts
Incorrect ADC reading in differential mode
Internal ADC reference has too low value
IN/OUT instructions may be executed twice when Stack is in external RAM
EEPROM read from application code does not work in Lock Bit Mode 3
1.
Non-Read-While-Write area of flash not functional
The Non-Read-While-Write area of the flash is not working as expected. The problem is
related to the speed of the part when reading the flash of this area.
Problem Fix/Workaround
- Only use the first 248K of the flash.
- If boot functionality is needed, run the code in the Non-Read-While-Write area at maximum
1/4th of the maximum frequency of the device at any given voltage. This is done by writing
the CLKPR register before entering the boot section of the code.
2.
Part does not work under 2.4 volts
The part does not execute code correctly below 2.4 volts.
Problem Fix/Workaround
Do not use the part at voltages below 2.4 volts.
3.
Incorrect ADC reading in differential mode
The ADC has high noise in differential mode. It can give up to 7 LSB error.
Problem Fix/Workaround
Use only the 7 MSB of the result when using the ADC in differential mode.
4.
Internal ADC reference has too low value
The internal ADC reference has a value lower than specified.
Problem Fix/Workaround
- Use AVCC or external reference.
- The actual value of the reference can be measured by applying a known voltage to the
ADC when using the internal reference. The result when doing later conversions can then be
calibrated.
5.
IN/OUT instructions may be executed twice when Stack is in external RAM
If either an IN or an OUT instruction is executed directly before an interrupt occurs and the
stack pointer is located in external ram, the instruction will be executed twice. In some cases
this will cause a problem, for example:
- If reading SREG it will appear that the I-flag is cleared.
- If writing to the PIN registers, the port will toggle twice.
- If reading registers with interrupt flags, the flags will appear to be cleared.


유사한 부품 번호 - A000063

제조업체부품명데이터시트상세설명
logo
Arduino
A000062 ARDUINO-A000062 Datasheet
4Mb / 49P
   ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
logo
ATMEL Corporation
A000066 ATMEL-A000066 Datasheet
12Mb / 448P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
logo
List of Unclassifed Man...
A000066 ETC-A000066 Datasheet
434Kb / 13P
   The Arduino UNO R3 is the perfect board to get familiar with electronics and coding.
26/08/2022
logo
Arduino
A000066 ARDUINO-A000066 Datasheet
4Mb / 49P
   ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
A000067 ARDUINO-A000067 Datasheet
4Mb / 49P
   ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
More results

유사한 설명 - A000063

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATMEGA640 ATMEL-ATMEGA640_12 Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
ATMEGA1281-16AUR ATMEL-ATMEGA1281-16AUR Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549PS-AVR-10/2012
ATMEGA640_071 ATMEL-ATMEGA640_071 Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
ATMEGA640V_0701 ATMEL-ATMEGA640V_0701 Datasheet
3Mb / 449P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549K-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_07 Datasheet
465Kb / 35P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549KS-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_10 Datasheet
1Mb / 38P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549MS-AVR-09/10
ATMEGA603 ATMEL-ATMEGA603 Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com