부품명
         상세내용
MC7800

 THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS ( 16 Page)


MOTOROLA
100% 
Zoom Out Zoom In
 6 page
background image
MC7800, MC7800A, LM340, LM340A Series
6
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (Vin = 14 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7808C
Characteristic
Symbol
Min
Typ
Max
Unit
Output Resistance f = 1.0 kHz
rO
0.9
m
Short Circuit Current Limit (TA = 25°C)
ISC
0.2
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
–0.4
mV/
°C
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 1.0 A, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7808AC
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
7.84
8.0
8.16
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
7.7
8.0
8.3
Vdc
10.6 Vdc
≤ Vin ≤ 23 Vdc
Line Regulation (Note 2)
Regline
mV
10.6 Vdc
≤ Vin ≤ 25 Vdc, IO = 500 mA
6.0
15
11 Vdc
≤ Vin ≤ 17 Vdc, IO = 1.0 A
1.7
18
10.4 Vdc
≤ Vin ≤ 23 Vdc, TJ = 25°C
5.0
15
Load Regulation (Note 2)
Regload
mV
5.0 mA
≤ IO ≤ 1.5 A, TJ = 25°C
1.4
25
5.0 mA
≤ IO ≤ 1.0 A
1.0
25
250 mA
≤ IO ≤ 750 mA
0.22
15
Quiescent Current
IB
3.3
6.0
mA
Quiescent Current Change
∆IB
mA
11 Vdc
≤ Vin ≤ 25 Vdc, IO = 500 mA
0.8
10.6 Vdc
≤ Vin ≤ 23 Vdc, IO = 1.0 A, TJ = 25°C
0.8
5.0 mA
≤ IO ≤ 1.0 A
0.5
Ripple Rejection
RR
56
62
dB
11.5 Vdc
≤ Vin ≤ 21.5 Vdc, f = 120 Hz, IO = 500 mA
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI – VO
2.0
Vdc
Output Noise Voltage (TA = 25°C)
Vn
10
µV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
0.9
m
Short Circuit Current Limit (TA = 25°C)
ISC
0.2
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
–0.4
mV/
°C
NOTES: 1. Tlow = –40°C for MC78XXAC, C
Thigh = +125°C for MC78XXAC, C
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



관련 부품명

부품명상세내용Html View제조사
LM340THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 1 2 3 4 5 MoreMotorola, Inc
LM340THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 1 2 3 4 5 MoreON Semiconductor
KIA78M05PBIPOLAR LINEAR INTEGRATED CIRCUIT THREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreKEC(Korea Electronics)
PL78M05XJ3Three Terminal Medium Current Positive Voltage Regulators 1 2 3 4 Cystech Electonics Corp.
KIA78M05TBIPOLAR LINEAR INTEGRATED CIRCUIT THREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreKEC(Korea Electronics)
PL78M05XT3Three Terminal Medium Current Positive Voltage Regulators 1 2 3 4 Cystech Electonics Corp.
TA7805STHREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
KIA78S05PBIPOLAR LINEAR INTEGRATED CIRCUIT THREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreKEC(Korea Electronics)
PL317E3Three Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreCystech Electonics Corp.
TA7805SBTHREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl