전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CBC3112-D7C-TR1 데이터시트(PDF) 1 Page - Cymbet Corporation

부품명 CBC3112-D7C-TR1
상세설명  EnerChip CC with Integrated Power Management
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYMBET [Cymbet Corporation]
홈페이지  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3112-D7C-TR1 데이터시트(HTML) 1 Page - Cymbet Corporation

  CBC3112-D7C-TR1 Datasheet HTML 1Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 2Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 3Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 4Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 5Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 6Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 7Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 8Page - Cymbet Corporation CBC3112-D7C-TR1 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©2009-2010 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-04 Rev C
Page 1 of 15
EnerChip CC with Integrated Power Management
EnerChip™ CC CBC3112
Features
Power Manager with Charge Control
Integrated 12µAh Thin Film Energy Storage
Built-in Energy Storage Protection
Temperature Compensated Charge Control
Adjustable Switchover Voltage
Charges Integrated EnerChip Over a Wide Supply
Range
Low Standby Power
SMT - Lead-Free Reflow Tolerant
Thousands of Recharge Cycles
Low Self-Discharge
Eco-Friendly, RoHS Compliant
The EnerChip CC is the world’s first Intelligent Thin
Film Energy Storage Device. It is an integrated
solution that provides backup energy storage and
power management for systems requiring power
bridging and/or secondary power. A single EnerChip
CC can charge up to 10 additional EnerChips
connected in parallel.
During normal operation, the EnerChip CC charges
itself with a controlled voltage using an internal
charge pump that operates from 2.5V to 5.5V. An
ENABLE pin allows for activation and deactivation
of the charge pump using an external control line
in order to minimize current consumption and take
advantage of the fast recharge time of the EnerChip.
When the primary power supply dips below a user-
defined threshold voltage, the EnerChip CC will signal
this event and route the EnerChip voltage to VOUT.
The EnerChip CC also has energy storage protection
circuitry to enable thousands of recharge cycles.
The CBC3112 is a 20-pin, 7 mm x 7 mm Dual Flat No-
lead (DFN) package, available in tubes, trays, or tape-
and-reel for use with automatic insertion equipment.
7 mm x 7 mm
DFN SMT Package:
Applications
Standby supply
for non-volatile SRAM, Real-time
clocks, controllers, supply supervisors, and other
system-critical components.
Wireless sensors and RFID tags
and other
powered, low duty cycle applications.
Localized power source
to keep microcontrollers
and other devices alert in standby mode.
Power bridging
to provide back-up power to
system during exchange of main batteries.
Consumer appliances
that have real-time
clocks; provides switchover power from main
supply to backup battery.
Business and industrial systems
such as:
network routers, point-of-sale terminals, single-
board computers, test equipment, multi-function
printers, industrial controllers, and utility meters.
Energy Harvesting
by coupling the EnerChip
with energy transducers such as solar panels.
Figure 1 - Typical EnerChip CC
Application Circuit


유사한 부품 번호 - CBC3112-D7C-TR1

제조업체부품명데이터시트상세설명
logo
Cymbet Corporation
CBC3112-D7C-TR1 CYMBET-CBC3112-D7C-TR1 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3112-D7C-TR1 CYMBET-CBC3112-D7C-TR1 Datasheet
229Kb / 3P
   Capacitance to EnerChip Battery Charge Conversion Guide
CBC3112-D7C-TR1 CYMBET-CBC3112-D7C-TR1 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
More results

유사한 설명 - CBC3112-D7C-TR1

제조업체부품명데이터시트상세설명
logo
Cymbet Corporation
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
DS-72-21 CYMBET-DS-72-21 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3150-D9C CYMBET-CBC3150-D9C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
CBC3150 CYMBET-CBC3150 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com