전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N3213 데이터시트(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

부품명 1N3213
상세설명  PEAK REPETITIVE REVERSE VOLTAGE DC BLOCKING VOLTAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
홈페이지  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N3213 데이터시트(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N3213 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - 1N3213

제조업체부품명데이터시트상세설명
logo
International Rectifier
1N3213 IRF-1N3213 Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Microsemi Corporation
1N3213 MICROSEMI-1N3213 Datasheet
162Kb / 3P
   SILICON POWER RECTIFIER
logo
Vishay Siliconix
1N3213 VISHAY-1N3213 Datasheet
80Kb / 4P
   Stud-Mounted Silicon Rectifier Diodes, 15 A
Revision: 24-Jun-08
logo
America Semiconductor, ...
1N3213 AMERICASEMI-1N3213 Datasheet
426Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
Digitron Semiconductors
1N3213 DIGITRON-1N3213 Datasheet
136Kb / 2P
   STANDARD RECOVERY RECTIFIERS
More results

유사한 설명 - 1N3213

제조업체부품명데이터시트상세설명
logo
Kingtronics Internation...
BAV99 KINGTRONICS-BAV99 Datasheet
414Kb / 2P
   Repetitive Peak Reverse Voltage
logo
SEMTECH ELECTRONICS LTD...
MCR100-3 SEMTECH_ELEC-MCR100-3 Datasheet
283Kb / 2P
   Peak Repetitive Forward and Reverse Blocking
logo
First Components Intern...
FMBD4148 FCI-FMBD4148 Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
logo
Fairchild Semiconductor
1N4148 FAIRCHILD-1N4148 Datasheet
146Kb / 7P
   Maximum Repetitive Reverse Voltage
1N458ATR FAIRCHILD-1N458ATR Datasheet
33Kb / 2P
   Maximum Repetitive Reverse Voltage
1N3070TR FAIRCHILD-1N3070TR Datasheet
31Kb / 2P
   Maximum Repetitive Reverse Voltage
logo
New Jersey Semi-Conduct...
2N6075 NJSEMI-2N6075 Datasheet
133Kb / 1P
   REPETITIVE PEAK OFF-STATE VOLTAGE
2N6165 NJSEMI-2N6165 Datasheet
173Kb / 2P
   REPETITIVE PEAK OFF-STATE VOLTAGE
logo
Shanghai Leiditech Elec...
BTA16 LEIDITECH-BTA16 Datasheet
690Kb / 4P
   Off-state repetitive peak voltage
logo
SemiHow Co.,Ltd.
HTS6A80AS SEMIHOW-HTS6A80AS Datasheet
309Kb / 4P
   Repetitive Peak Off-State Voltage
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com