전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BFP183W 데이터시트(PDF) 6 Page - Siemens Semiconductor Group

부품명 BFP183W
상세설명  NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP183W 데이터시트(HTML) 6 Page - Siemens Semiconductor Group

  BFP183W Datasheet HTML 1Page - Siemens Semiconductor Group BFP183W Datasheet HTML 2Page - Siemens Semiconductor Group BFP183W Datasheet HTML 3Page - Siemens Semiconductor Group BFP183W Datasheet HTML 4Page - Siemens Semiconductor Group BFP183W Datasheet HTML 5Page - Siemens Semiconductor Group BFP183W Datasheet HTML 6Page - Siemens Semiconductor Group BFP183W Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Dec-12-1996
BFP 183W
Collector-base capacitance
Ccb = f (VCB)
VBE = vbe = 0, f = 1MHz
0
4
8
12
16
V
24
V
CB
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
pF
0.65
C
cb
Transition frequency
fT = f (IC)
VCE = Parameter
0
5
10
15
20
25
30
35
mA
45
I
C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
MHz
10.0
f
T
10V
8V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
5
10
15
20
25
30
35
mA
45
I
C
8
10
12
14
16
18
20
dB
24
G
10V
3V
2V
1V
0.7V
5V
Power Gain
Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
5
10
15
20
25
30
35
mA
45
I
C
0
2
4
6
8
10
12
14
dB
18
G
10V
3V
2V
1V
0.7V


유사한 부품 번호 - BFP183W

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BFP183W INFINEON-BFP183W Datasheet
78Kb / 7P
   NPN Silicon RF Transistor
Aug-10-2001
BFP183W INFINEON-BFP183W Datasheet
82Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
BFP183W INFINEON-BFP183W Datasheet
548Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-08
BFP183W INFINEON-BFP183W_07 Datasheet
82Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
BFP183W INFINEON-BFP183W_14 Datasheet
548Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-08
More results

유사한 설명 - BFP183W

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFR181W SIEMENS-BFR181W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFR181 SIEMENS-BFR181 Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
   NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFR183W SIEMENS-BFR183W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFS481 SIEMENS-BFS481 Datasheet
53Kb / 6P
   NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at collector currents from 0.5 to 12 mA)
BFR183 SIEMENS-BFR183 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com