전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL4752A 데이터시트(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

부품명 DL4752A
상세설명  Low reverse leakage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DACHANG [Rugao Dachang Electronics Co., Ltd]
홈페이지  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

DL4752A 데이터시트(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  DL4752A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd DL4752A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
1.0
10
1.0
10
6.0
3.14
3.47
3.42
3.78
3.71
4.10
4.09
4.52
4.47
4.94
4.85
5.36
5.32
5.88
5.89
6.51
6.46
7.88
7.13
8.61
7.79
9.56
8.65
9.50
10.45
11.40
10
5.0
3.0
8.4
DL4728A
DL4729A
DL4730A
DL4731A
DL4732A
DL4733A
DL4734A
DL4735A
DL4736A
DL4737A
DL4738A
DL4739A
DL4740A
DL4741A
DL4742A
100
50
10
10
10
10
10
10
10
5.0
1.0
1.0
1.0
1.0
2.0
4.0
5.0
7.0
7.6
9.0
11.55
12.60
10.50
7.14
41
37
49
45
58
53
69
64
28
25
34
31
23
21
76
特征 Features
·最大功率耗散1000mW。
Maximum power dissipation of 1000 mW
·齐纳击穿阻抗低。
Low zener impedance
机械数据 Mechanical Data
·封装: LL-41 玻璃封装
Case: LL-41 Glass Case
·极性: 色环端为负极
Polarity: Color band denotes cathode end
·安装位置: 任意
Mounting Position: Any
·高稳定性和可靠性。
High stability and high reliability
·反向漏电流小。
Low reverse leakage
mW
175
Tj
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
存储温度
单位
Unit
参数
Parameter
符号
Symbols
数值
Value
功率消耗
工作结温
-50 --- +150
Pd
Ts
1000
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature
型号
Type
稳压范围
Zener Voltage
测试条件
Test condition
反向特性
Reverese Current
动态电阻
Dynamic Resistance
VZ(V)
IZ(mA)
最小值MIN. 最大值MAX.
IR(μA)
测试条件
Test condition
VR(V)
rd(Ω)
最大值 MAX.
最大值 MAX.
IZ(mA)
测试条件
Test condition
额定值Nom.
12.35
13.65
14.25
15.75
15.20
16.80
11.4
DL4743A
DL4744A
DL4745A
9.9
12.2
17
15.5
19
5.0
5.0
5.0
SIYU R
Power Dissipation
Operating junction temperature
Storage temperature range
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
10
10
8.0
4.5
2.0
8.0
9.0
9.0
7.0
5.0
3.5
4.0
5.0
7.0
9.0
14
10
16
41
37
49
45
58
53
69
64
28
25
34
31
23
21
76
17
15.5
19
VF ≤ 1.2V @IF = 200mA
DL47 Series
大昌电子
DACHANG ELECTRONICS
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
LL-41 Glass
Unit:mm


유사한 부품 번호 - DL4752A

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
DL4752A RECTRON-DL4752A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Yangzhou yangjie electr...
DL4752A YANGJIE-DL4752A Datasheet
191Kb / 3P
   Zener Diodes
logo
Shanghai Leiditech Elec...
DL4752A LEIDITECH-DL4752A Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
Dc Components
DL4752A DCCOM-DL4752A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
DL4752A SECOS-DL4752A Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
More results

유사한 설명 - DL4752A

제조업체부품명데이터시트상세설명
logo
DIOTEC Electronics Corp...
1N5391 DEC-1N5391_10 Datasheet
677Kb / 2P
   Low reverse leakage
RS1A DEC-RS1A Datasheet
666Kb / 2P
   Low reverse leakage
UF5400 DEC-UF5400 Datasheet
667Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
MURS205 LEIDITECH-MURS205 Datasheet
679Kb / 2P
   Low reverse leakage
logo
Rugao Dachang Electroni...
ZMM52 DACHANG-ZMM52 Datasheet
120Kb / 2P
   Low reverse leakage
logo
Surge Components
1N5391-1N5399 SURGE-1N5391-1N5399 Datasheet
1Mb / 2P
   Low reverse leakage
logo
DIOTEC Electronics Corp...
1N5400 DEC-1N5400_10 Datasheet
692Kb / 2P
   Low reverse leakage
1N4001 DEC-1N4001_10 Datasheet
664Kb / 2P
   Low reverse leakage
10A05 DEC-10A05 Datasheet
672Kb / 2P
   Low reverse leakage
HER201 DEC-HER201 Datasheet
895Kb / 2P
   Low reverse leakage
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com