전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5V925BQGI8 데이터시트(PDF) 9 Page - Integrated Device Technology

부품명 5V925BQGI8
상세설명  Programmable LVCMOS/LVTTL Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

5V925BQGI8 데이터시트(HTML) 9 Page - Integrated Device Technology

Back Button 5V925BQGI8 Datasheet HTML 5Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 6Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 7Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 8Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 9Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 10Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 11Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 12Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
IDT5V925BQGI REVISION B JANUARY 21, 2011
9
©2011 Integrated Device Technology, Inc.
IDT5V925BI Data Sheet
PROGRAMMABLE LVCMOS/LVTTL CLOCK GENERATOR
How to Use the IDT5V925BI
The IDT5V925BI is a general-purpose phase-locked loop (PLL) that
can be used as a zero delay buffer or a clock multiplier. It generates
three outputs at the VCO frequency and one output at the VCO
frequency divided by n, where n is determined by the Mode/
Frequency Select input pins S0 and S1. The PLL will adjust the VCO
frequency (within the limits of the Function Table) to ensure that the
input frequency equals the Q/N frequency.
The IDT5V925BI can accept two types of input signals. The first is a
reference clock generated by another device on the board which
needs to be reproduced with a minimal delay between the incoming
clock and output. The second is an external crystal. When used in the
first mode, the crystal input (X1) should be tied to ground and the
crystal output (X2) should be left unconnected.
By connecting Q/N to FB (see Figure 1), the IDT5V925BI not only
becomes a zero delay buffer, but also a clock multiplier. With proper
selection of S0 and S1, the Q0–Q2 outputs will generate two, three,
or up to eight times the input clock frequency. Make sure that the
input and output frequency specifications are not violated (refer to
Function Table). There are some applications where higher fan-out
is required. These kinds of applications could be addressed by using
the IDT5V925BI in conjunction with a clock buffer such as the
49FCT3805. Figure 2 shows how higher fan-out with different clock
rates can be generated.
Figure 1
Figure 2
By connecting one of the 49FCT3505 outputs to the FB input of the
IDT5V925BI, the propagation delay from CLKIN to the output of the
49FCT3505 will be nearly zero. To ensure PLL stability, only one
49FCT3505 should be included between Q/N and FB.
The second way to drive the input of the IDT5V925BI is via an
external crystal. When connecting an external crystal to pins 5 and 6,
the X2 pin must be shorted to the CLKIN (pin 7) as shown in Figure
3. To reduce the parasitic between the external crystal and the
IDT5V925BI, it is recommended to connect the crystal as close as
possible to the X1 and X2 pins.
Figure 3
One of the questions often asked is what is the accuracy of our clock
generators? In applications where clock synthesizers are used, the
terms frequency accuracy and frequency error are used
interchangeably. Here, frequency accuracy (or error) is based on two
factors. One is the input frequency and the other is the multiplication
factor. Clock multipliers (or synthesizers) are governed by the
equation:
Where “M” is the feedback divide and “N” is the reference divide. If
the ratio of M/N is not an integer, then the output frequency will not
be an exact multiple of the input. On the other hand, if the ratio is a
whole number, the output clock would be an exact multiple of the
input. In the case of IDT5V925BI, since the reference divide (“N”) is
“1”, the equation is a strong function of the feedback divide (“M”). In
addition, since the feedback is an integer, the output frequency error
(or accuracy) is merely a function of how accurate the input is. For
instance, IDT5V925BI could accept two forms of input, one from a
crystal oscillator (see Figure 1) and the other from a crystal (see
Figure 3). By using a 20MHz clock with a multiplication factor of 5
(with an accuracy of ±30 parts per million), one can easily have three
copies of 100MHz of clock with ±30ppm of accuracy. Frequency
accuracy is defined by the following equation:
Accuracy = Measured Frequency – Nominal Frequency x 106
Nominary Frequency
Where measured frequency is the average frequency over certain
number of cycles (typically 10,000) and the nominal frequency is the
desired frequency.
FB
CLKIN
X 2
X 1
S 0
S1
Q/N
Q 0
Q 1
Q 2
5V925
5 C O PIES
OF Q/N
5 C O PIES
OF Q
49FC T3805
FB
CLKIN
X 2
X 1
S0
S 1
Q[2:0]
Q/N
IN A
IN B
5V925
CLKIN
X2
X1
S0
S1
Q0
Q1
Q2
Q/N
XTAL
OSC
5V925
FB
FOUT
M
N
----- FIN
×
=


유사한 부품 번호 - 5V925BQGI8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
5V9885TNLGI IDT-5V9885TNLGI Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TNLGI8 IDT-5V9885TNLGI8 Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TPFGI IDT-5V9885TPFGI Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TPFGI8 IDT-5V9885TPFGI8 Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results

유사한 설명 - 5V925BQGI8

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
IDT5V925BI RENESAS-IDT5V925BI Datasheet
414Kb / 19P
   Programmable LVCMOS/LVTTL Clock Generator
March 10, 2016
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
   LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
logo
Integrated Device Techn...
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
   FemtoClock LVCMOS/LVTTL Clock Generator
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
   FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Integrated Device Techn...
87021I IDT-87021I Datasheet
233Kb / 14P
   Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
   FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
logo
Integrated Device Techn...
87016 IDT-87016 Datasheet
271Kb / 17P
   Low Skew LVCMOS/LVTTL Clock Generator
logo
Integrated Circuit Syst...
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com