전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5V2305PGGI 데이터시트(PDF) 3 Page - Integrated Device Technology

부품명 5V2305PGGI
상세설명  2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

5V2305PGGI 데이터시트(HTML) 3 Page - Integrated Device Technology

  5V2305PGGI Datasheet HTML 1Page - Integrated Device Technology 5V2305PGGI Datasheet HTML 2Page - Integrated Device Technology 5V2305PGGI Datasheet HTML 3Page - Integrated Device Technology 5V2305PGGI Datasheet HTML 4Page - Integrated Device Technology 5V2305PGGI Datasheet HTML 5Page - Integrated Device Technology 5V2305PGGI Datasheet HTML 6Page - Integrated Device Technology 5V2305PGGI Datasheet HTML 7Page - Integrated Device Technology 5V2305PGGI Datasheet HTML 8Page - Integrated Device Technology 5V2305PGGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
INDUSTRIALTEMPERATURERANGE
IDT5V2305
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
Symbol
Description
Min.
Typ.
Max.
Unit
VDD
InternalPowerSupplyVoltage
2.3
2.5
V
3.3
3.6
VIL
InputVoltageLOW
VDD = 3V to 3.6V
0.8
V
VDD = 2.3V to 2.7V
0.7
VIH
Input Voltage HIGH
VDD = 3V to 3.6V
2
V
VDD = 2.3V to 2.7V
1.7
VI
InputVoltage
0
VDD
V
IOH
Output Current HIGH
VDD = 3V to 3.6V
-12
mA
VDD = 2.3V to 2.7V
-6
IOL
OutputCurrentLOW
VDD = 3V to 3.6V
12
mA
VDD = 2.3V to 2.7V
6
TA
AmbientOperatingTemperature
-40
+85
°C
RECOMMENDED OPERATING RANGE
NOTE:
1. All typical values are at respective nominal VDD.
DC ELECTRICAL CHARACTERISTICS - VDD = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max
Unit
VDD = Min. to Max.
IOH = -100
µAVDD - 0.2
VOH
HIGH level Output Voltage
VDD = 3V
IOH = -12mA
2.1
V
IOH = -6mA
2.4
VDD = Min. to Max.
IOH = 100
µA
0.2
VOL
LOWlevelOutputVoltage
VDD = 3V
IOH = 12mA
0.8
V
IOH = 6mA
0.55
VDD = 3V
VO = 1V
-28
IOH
HIGH level Output Current
VDD = 3.3V
VO = 1.65V
-36
mA
VDD = 3.6V
VO = 3.135V
-14
VDD = 3V
VO = 1.95V
28
IOL
LOWlevelOutputCurrent
VDD = 3.3V
VO = 1.65V
36
mA
VDD = 3.6V
VO = 0.4V
14
NOTE:
1. For IDD over frequency, see TEST CIRCUIT AND WAVEFORMS.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Unit
VIK
InputVoltage
VDD = 3V, IIN = -18mA
- 1.2
V
IIN
InputCurrent
VI = 0V or VDD
±5
µA
IDD
StaticDeviceCurrent(1)
CLK = 0V or VDD, IO = 0mA, VDD = 3.3V
25
µA
PIN DESCRIPTION
TERMINAL
Symbol
I/O
Description
G
I
Output Enable Control for Y(0:4) Outputs. This output enable is active HIGH. If this pin is Logic HIGH, the Y(0:4) clock outputs will follow the
input clock (CLK). If this pin is logic LOW, the Y(0:4) outputs will drive low independent of the state of CLK.
Y(0:4)
O
BufferedOutputClocks
CLK
I
InputReferenceFrequency
GND
Ground
VDD
PWR
DC Power Supply, 2.3V to 3.6V


유사한 부품 번호 - 5V2305PGGI

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
5V2305PGGI IDT-5V2305PGGI Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
5V2305PGGI RENESAS-5V2305PGGI Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
logo
Integrated Device Techn...
5V2305PGGI8 IDT-5V2305PGGI8 Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
5V2305PGGI8 RENESAS-5V2305PGGI8 Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
More results

유사한 설명 - 5V2305PGGI

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT5V2310 IDT-IDT5V2310 Datasheet
57Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2305 RENESAS-IDT5V2305 Datasheet
319Kb / 14P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
SEPTEMBER 2014 c 2014
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305 Datasheet
53Kb / 8P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310 IDT-IDT5V2310_09 Datasheet
90Kb / 9P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305 IDT-IDT5V2305_14 Datasheet
164Kb / 13P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
IDT5V2310 RENESAS-IDT5V2310 Datasheet
249Kb / 10P
   2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
DECEMBER 2012
logo
Integrated Device Techn...
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com