전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5V9885TPFGI8 데이터시트(PDF) 7 Page - Integrated Device Technology

부품명 5V9885TPFGI8
상세설명  3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

5V9885TPFGI8 데이터시트(HTML) 7 Page - Integrated Device Technology

Back Button 5V9885TPFGI8 Datasheet HTML 3Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 4Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 5Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 6Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 7Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 8Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 9Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 10Page - Integrated Device Technology 5V9885TPFGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
INDUSTRIALTEMPERATURERANGE
IDT5V9885T
3.3V EEPROMPROGRAMMABLECLOCKGENERATOR
Feedback-Divider
N[11:0] and A[3:0] are the bits used to program the feedback-divider for PLL0 (N0 and A0) and PLL1 (N1 and A1). If spread spectrum generation is enabled
for either PLL0 or PLL1, then the SS_OFFSET[5:0] bits (0x61, 0x69) would be factored into the overall feedback divider value. See the SPREAD SPECTRUM
GENERATIONsectionformoredetailsonhowtoconfigurePLL0andPLL1whenspreadspectrumisenabled. ThetwoPLLscanalsobeconfiguredforfractional
divide ratios. See FRACTIONAL DIVIDER for more details. For PLL2, only the N[11:0] bits (N2) are used to program its feedback divider and there is no spread
spectrum generation and fractional divides capability. The12-bit feedback-divider integer values range from 1 to 4095.
The following equations govern how the feedback divider value is set. Note that the equations are different for PLL0/PLL1 and PLL2
PLL0 and PLL1:
M = 2*N[11:0] + A[3:0] + 1 + SS_OFFSET[5:0] * 1/64
(Eq. 3)
M = 2*N[11:0] + A[3:0] + 1 (spread spectrum disabled)
(Eq. 4)
A[3:0] = 0000 = -1
= 0001 = 1
= 0010 = 2
= 0011 = 3
.
.
.
= 1111 = 15
Note: A[3:0] < (N[11:0] - 5), must be met when using A. N cannot be programmed with a value of 4, 8, or 16 when using A.
PLL2:
M = N[11:0]
(Eq. 5)
The user can achieve an even or odd integer divide ratio for both PLL0 and PLL1 by setting the A[3:0] bits accordingly and disabling the spread spectrum.
A fractional divide can also be set for PLL0 and PLL1 by using the A[3:0] bits in conjunction with the SS_OFFSET[5:0] bits, which is detailed in the FRACTIONAL
DIVIDERsection. NotethattheVCOhasafrequencyrangeof10MHzto1200MHz. To maintainlowjitter,itisbesttomaximizetheVCOfrequency. Forexample,
if the reference clock is 100MHz and a 200MHz clock is required, to achieve the best jitter performance, multiply the 100MHz by 12 to get the VCO running at
the highest possible frequency of 1200MHz and then divide it down to get 200MHz. Or if the reference clock is 25MHz and 20MHz is the required clock, multiply
the 25MHz by 40 to get the VCO running at 1000MHz and then divide it down to get 20MHz. If N is set to '0x00', the VCO will slew to the minimum frequency.
Post-Divider
Q[9:0] are the bits used to program the 10-bit post-dividers on output banks OUT2-6. OUT1 bank does not have a 10-bit post-divider or any other post-
divide along its path. The 10-bit post-dividers will divide down the output banks' frequency with integer values ranging from 1 to 1023.
There is the option to choose between disabling the post-divider, utilizing a div/1, a div/2, or the 10-bit post-divider by using the PM[1:0] bits. Each bank,
except for OUT1, has a set of PM bits. When disabling the post-divider, no clock will appear at the outputs, but will remain powered on. The values are listed
in the table below.
PM[1:0]
P Post-Divider
00
disabled
01
div/1
10
div/2
11
Q[9:0] + 2 (Eq. 6)
00
01
10
11
/2
/ (Q+2)
PM[1:0]
/2
To Outputs
VCO
P
Post-Divider Diagram


유사한 부품 번호 - 5V9885TPFGI8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
5V925BQGI IDT-5V925BQGI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQGI8 IDT-5V925BQGI8 Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQI IDT-5V925BQI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQI8 IDT-5V925BQI8 Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
More results

유사한 설명 - 5V9885TPFGI8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885B IDT-IDT5V9885B Datasheet
333Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V9885T RENESAS-IDT5V9885T Datasheet
750Kb / 40P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
SEPT. 2011
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com