전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74FCT388915T10JG 데이터시트(PDF) 8 Page - Integrated Device Technology

부품명 74FCT388915T10JG
상세설명  3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT388915T10JG 데이터시트(HTML) 8 Page - Integrated Device Technology

Back Button 74FCT388915T10JG Datasheet HTML 2Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 3Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 4Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 5Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 6Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 7Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 8Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 9Page - Integrated Device Technology 74FCT388915T10JG Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
COMMERCIALTEMPERATURERANGE
8
IDT74FCT388915T
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (3-STATE)
CMMU
CM MU
CPU
CM MU
CMMU
CM MU
CMMU
CM MU
CPU
CM MU
CMMU
CM MU
PLL
2f
PLL
2f
CPU
CARD
CPU
CARD
CLOCK
@f
SYSTEM
CLO CK
SO UR CE
FCT388915T
FCT388915T
DISTRIBUTE
CLO CK @ f
CLOCK @ 2f
at point of use
MEMORY
CO NTROL
PLL
2f
MEMORY
CAR DS
CLOCK @ 2f
at point of use
FCT388915T
Figure 4. Multiprocessing Application Using the FCT388915T for Frequency Multiplication
and Low Board-to-Board skew
FCT388915T SYSTEM LEVEL TESTING
FUNCTIONALITY
When the PLL_EN pin is LOW, the PLL is bypassed and the FCT388915T
is in low frequency "test mode". In test mode (with FREQ_SEL HIGH), the 2Q
output is inverted from the selected SYNC input, and the Q outputs are divide-
by-2 (negative edge triggered) of the SYNC input, and the Q/2 output is divide-
by-4(negativeedgetriggered). WithFREQ_SELLOWthe2Qoutputisdivide-
by-2 of the SYNC, the Q outputs divide-by-4, and the Q/2 output divide-by-8.
These relationships can be seen in the block diagram. A recommended test
configuration would be to use SYNC0 or SYNC1 as the test clock input, and tie
PLL_EN and REF_SEL together and connect them to the test select logic.
This functionality is needed since most board-level testers run at 1 MHz or
below, and theFCT 388915T cannot lock onto that low of an input frequency.
In the test mode described above, any test frequency test can be used.


유사한 부품 번호 - 74FCT388915T10JG

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
74FCT3807 RENESAS-74FCT3807 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
74FCT3807 RENESAS-74FCT3807 Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
74FCT38072DCGI RENESAS-74FCT38072DCGI Datasheet
218Kb / 6P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
74FCT38072DGGI IDT-74FCT38072DGGI Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
More results

유사한 설명 - 74FCT388915T10JG

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT88915TT IDT-IDT74FCT88915TT Datasheet
140Kb / 11P
   LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com