전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS36C 데이터시트(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

부품명 SS36C
상세설명  Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 200 V Forward Current 3.0 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DACHANG [Rugao Dachang Electronics Co., Ltd]
홈페이지  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

SS36C 데이터시트(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  SS36C Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SS36C Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS32C ...... SS320C
表面安装肖特基二极管
反向电压
20 ---200 V
正向电流
3.0 A
SIYU R
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Surface Mount Schottky Barrier Rectifier
Reverse Voltage 20 to 200 V
Forward Current 3.0 A
大昌电子
DACHANG ELECTRONICS
·正向压降低。
Low Forward Voltage Drop
·大电流承受能力。
High Current Capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
特征
Features
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
SS32C
3.0
80
55
20
14
0.50
0.85
15
V
V
A
V
A
mA
/W
pF
单位
Unit
V
VR(RMS)
最大正向平均整流电流
最大峰值反向电压
最大反向有效值电压
-55 --- +125
VRRM
IFM
最大正向电压降
IF = 3.0A
VF
正向峰值浪涌电流 8.3mS单一正弦半波
IFSM
最大反向漏电流
IR
典型热阻
RθJA
Tj
典型结电容
VR = 4.0V f = 1.0MHz
Cj
Maximum repetitive peak reverse voltage
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
Maximum average forward rectified current
Maximum forward voltage
Peak forward surge current 8.3 ms single half sine-wave
Maximum reverse current
Typical thermal resistance
Type junction capacitance
符号
Symbols
VDC
20
SS34C SS36C SS310C
40
28
40
60
42
60
100
70
100
0.7
0.5
10
TA = 25℃
TA = 100℃
SS315C
150
105
150
0.92
-55 --- +150
TSTG
工作结温
Operating junction
存储温度
Storage temperature range
-55 --- +150
SMC
.246(6.22)
.220(5.59)
.128(3.25)
.108(2.75)
.280(7.11)
.260(6.60)
.012(0.305)
.006(0.152)
.320(8.13)
.305(7.75)
.050(1.27)
.030(0.76)
Unit:inch(mm)
.103(2.62)
.079(2.00)
.008(0.203)
.002(0.051)
SS320C
200
140
200
0.95


유사한 부품 번호 - SS36C

제조업체부품명데이터시트상세설명
logo
Rugao Dachang Electroni...
SS36C DACHANG-SS36C Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Microdiode Electronics ...
SS36C CHENDA-SS36C Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SS36C LEIDITECH-SS36C Datasheet
341Kb / 3P
   Schottky rectifier
logo
Guangdong Youtai Semico...
SS36C UMW-SS36C Datasheet
636Kb / 3P
   20V-200V 3.0A
logo
SHIKUES Electronics
SS36CG SKTECHNOLGY-SS36CG Datasheet
437Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

유사한 설명 - SS36C

제조업체부품명데이터시트상세설명
logo
Rugao Dachang Electroni...
SS32A DACHANG-SS32A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 3.0 A
SS32B DACHANG-SS32B Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 3.0 A
logo
Foshan Blue Rocket Elec...
SS22F FOSHAN-SS22F Datasheet
950Kb / 6P
   Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:2.0A, SMAF
logo
Rugao Dachang Electroni...
SS22A DACHANG-SS22A Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
SS22B DACHANG-SS22B Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
SS12A DACHANG-SS12A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 1.0 A
logo
First Silicon Co., Ltd
SK32F FS-SK32F Datasheet
288Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts, Forward Current 3.0 Amperes
logo
Rugao Dachang Electroni...
MBRF1040 DACHANG-MBRF1040 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR1040 DACHANG-MBR1040 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR840 DACHANG-MBR840 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com