전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

932S203YFLXT 데이터시트(PDF) 3 Page - Integrated Device Technology

부품명 932S203YFLXT
상세설명  Frequency Generator with 133MHz Differential CPU Clocks
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

932S203YFLXT 데이터시트(HTML) 3 Page - Integrated Device Technology

  932S203YFLXT Datasheet HTML 1Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 2Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 3Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 4Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 5Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 6Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 7Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 8Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IDTTM Frequency Generator with 133MHz Differential CPU Clocks
0601G—01/26/10
ICS932S203
Frequency Generator with 133MHz Differential CPU Clocks
3
Frequency Select Table
Host Swing Select Functions
0
L
E
S
I
T
L
U
M
t
e
g
r
a
T
d
r
a
o
B
Z
m
r
e
T
/
e
c
a
r
T
,
R
e
c
n
e
r
e
f
e
R
=
f
e
r
I
V
D
D
)
r
R
*
3
(
/
t
u
p
t
u
O
t
n
e
r
r
u
C
Z
@
h
o
V
0s
m
h
o
0
5
,
%
1
1
2
2
=
r
R
A
m
0
0
.
5
=
f
e
r
I
F
E
R
I
*
4
=
h
o
I0
5
@
V
0
.
1
1s
m
h
o
0
5
,
%
1
5
7
4
=
r
R
A
m
2
3
.
2
=
f
e
r
I
F
E
R
I
*
6
=
h
o
I0
5
@
V
7
.
0
FS1
FS0
CPU
3V66 (1:0)
66Buff (2:0) /
3V66 (4:2)
66 In /
3V66_5
PCI
REF
USB,
DOT
note
1
0
100
66.6
66.6 In path
66.6 IN
66.6 in/2
14.318
48
Buffer
mode 66
1
1
133.3
66.6
66.6 In path
66.6 IN
66.6 in/2
14.318
48
Buffer
mode 66
0
0
100
66.6
66.6
66.6
33.3
14.318
48
Driven 66
0
1
133.3
66.6
66.6
66.6
33.3
14.318
48
Driven 66
mid
1
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Tri-state
outputs
mid
1
1
Tclk/2
Tclk/4
Tclk/4
Tclk/4
Tclk/8
Tclk
Tclk/2
Tclk is at
X1 input
1. Low=Vin < 0.8V, Mid=1.0V < Vin < 1.8V, High=Vin > 2.0V


유사한 부품 번호 - 932S203YFLXT

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
932S203YFLXT RENESAS-932S203YFLXT Datasheet
624Kb / 19P
   Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
More results

유사한 설명 - 932S203YFLXT

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ICS932S203 RENESAS-ICS932S203 Datasheet
624Kb / 19P
   Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
logo
Integrated Circuit Syst...
ICS932S203 ICST-ICS932S203 Datasheet
252Kb / 17P
   Frequency Generator with 133MHz Differential CPU Clocks
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
logo
Integrated Circuit Syst...
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com