전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC79L18ACP 데이터시트(PDF) 3 Page - Motorola, Inc

부품명 MC79L18ACP
상세설명  THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC79L18ACP 데이터시트(HTML) 3 Page - Motorola, Inc

  MC79L18ACP Datasheet HTML 1Page - Motorola, Inc MC79L18ACP Datasheet HTML 2Page - Motorola, Inc MC79L18ACP Datasheet HTML 3Page - Motorola, Inc MC79L18ACP Datasheet HTML 4Page - Motorola, Inc MC79L18ACP Datasheet HTML 5Page - Motorola, Inc MC79L18ACP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC79L00, A Series
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VI = –23 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, –40°C < TJ +125°C (for MC79LXXAB),
0
°C < TJ < +125°C (for MC79LXXAC)).
MC79L15C
MC79L15AC, AB
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–13.8
–15
–16.2
–14.4
–15
–15.6
Vdc
Input Regulation
(TJ = +25°C)
–17.5 Vdc
≥ VI ≥ –30 Vdc
–20 Vdc
≥ VI ≥ –30 Vdc
Regline
300
250
300
250
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
150
75
150
75
mV
Output Voltage
–17.5 Vdc
≥ VI ≥ –Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –23 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–13.5
–13.5
–16.5
–16.5
–14.25
–14.25
–15.75
–15.75
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
6.5
6.0
mA
Input Bias Current Change
–20 Vdc
≥ VI ≥ –30 Vdc
1.0 mA
≤ IO ≤ 40 mA
∆IIB
1.5
0.2
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
VN
90
90
µV
Ripple Rejection
(–18.5
≤ VI ≤ –28.5 Vdc, f = 120 Hz)
RR
33
39
34
39
dB
Dropout Voltage
IO = 40 mA, TJ = +25°C
|VI–VO|
1.7
1.7
Vdc
ELECTRICAL CHARACTERISTICS (VI = –27 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, 0°C < TJ > +125°C, unless otherwise noted).
MC79L18C
MC79L18AC
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–16.6
–18
–19.4
–17.3
–18
–18.7
Vdc
Input Regulation
(TJ = +25°C)
–20.7 Vdc
≥ VI ≥ –33 Vdc
–21.4 Vdc
≥ VI ≥ –33 Vdc
–22 Vdc
≥ VI ≥ –33 Vdc
–21 Vdc
≥ VI ≥ –33 Vdc
Regline
325
275
325
275
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
170
85
170
85
mV
Output Voltage
–20.7 Vdc
≥ VI ≥ –33 Vdc, 1.0 mA ≤ IO ≤ 40 mA
–21.4 Vdc
≥ VI ≥ –33 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –27 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–16.2
–16.2
–19.8
–19.8
–17.1
–17.1
–18.9
–18.9
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
6.5
6.0
mA
Input Bias Current Change
–21 Vdc
≥ VI ≥ –33 Vdc
–27 Vdc
≥ VI ≥ –33 Vdc
1.0 mA
≤ IO ≤ 40 mA
IIB
1.5
0.2
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
150
150
µV
Ripple Rejection
(–23
≤ VI ≤ –33 Vdc, f = 120 Hz, TJ = +25°C)
RR
32
46
33
48
dB
Dropout Voltage
IO = 40 mA, TJ = +25°C
|VI–VO|
1.7
1.7
Vdc


유사한 부품 번호 - MC79L18ACP

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC79L18ACP ONSEMI-MC79L18ACP Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
logo
Fairchild Semiconductor
MC79L18ACP FAIRCHILD-MC79L18ACP Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
MC79L18ACP FAIRCHILD-MC79L18ACP Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
ON Semiconductor
MC79L18ACP ONSEMI-MC79L18ACP Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
MC79L18ACPG ONSEMI-MC79L18ACPG Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

유사한 설명 - MC79L18ACP

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM79L05A3 CYSTEKEC-LM79L05A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
PL79L05XA3 CYSTEKEC-PL79L05XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
logo
List of Unclassifed Man...
79600A ETC-79600A Datasheet
82Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
79LXXA ETC1-79LXXA Datasheet
85Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
logo
Cystech Electonics Corp...
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
LM79L12A3 CYSTEKEC-LM79L12A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
logo
Micropac Industries
42051 MICROPAC-42051 Datasheet
254Kb / 3P
   5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com