전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSRF4N60 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSRF4N60
상세설명  4A , 600 V , RDS(ON) 2.4  N-Channel Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSRF4N60 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSRF4N60 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSRF4N60 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSRF4N60 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSRF4N60 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSRF4N60
4A , 600 V , RDS(ON) 2.4 Ω
N-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
5-Jul-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
Gate-Threshold Voltage
VGS(th)
2.0
-
4.0
V
VDS=VGS, ID=250µA
Drain-Source On-Resistance
RDS(ON)
-
2.0
2.4
VGS=10V, ID=2A
Drain-Sounce Breakdown Voltage
BVDSS
600
-
-
V
VGS=0, ID=250µA
Zero Gate Voltage Drain Current
IDSS
-
-
10
µA
VDS=600V, VGS=0
Gate-Body Leakage Current, Forward
IGSSF
-
-
100
nA
VGS=30V, VDS=0
Gate-Body Leakage Current, Reverse
IGSSR
-
-
-100
nA
VGS= -30V, VDS=0
Dynamic
Total Gate Charge
1.2
Qg
-
19.8
-
nC
VDS=480V, ID=4.4A,
VGS=10V
Gate-Source Charge
1.2
Qgs
-
4
-
Gate-Drain Charge
1.2
Qgd
-
7.2
-
Turn-on Delay Time
1.2
Td(on)
-
27
-
nS
VDD=300V, ID =4.4A, RG=25
Rise Time
1.2
Tr
-
19
-
Turn-off Delay Time
1.2
Td(off)
-
160
-
Fall Time
1.2
Tf
-
22
-
Input Capacitance
Ciss
-
672
-
pF
VDS=25V, VGS=0, f =1.0MHz
Output Capacitance
Coss
-
66
-
Reverse Transfer Capacitance
Crss
-
4.7
-
Maximum Continuous Drain-Source
Diode Forward Current
IS
-
-
4.0
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
-
-
16
A
Drain-Source Diode Forward Voltage
VSD
-
-
1.4
V
VGS=0, IS=4.0A
Reverse Recovery Time
Trr
-
300
-
nS
VGS=0, IS=4.0A,
IF / dt =100A/µs
Reverse Recovery Charge
1
Qrr
-
2.2
-
µC
Notes:
1.
Pulse Test: Pulse width < 300us, Duty cycle ≤ 2%.
2.
Basically not affected by working temperature.


유사한 부품 번호 - SSRF4N60

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
SSRF MACOM-SSRF Datasheet
367Kb / 2P
   25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink
SSRF-240D25 MACOM-SSRF-240D25 Datasheet
367Kb / 2P
   25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink
SSRF-240D25R MACOM-SSRF-240D25R Datasheet
367Kb / 2P
   25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink
SSRF-480D25 MACOM-SSRF-480D25 Datasheet
367Kb / 2P
   25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink
SSRF-480D25R MACOM-SSRF-480D25R Datasheet
367Kb / 2P
   25A SIP Solid State Relay With Paired SCR Output, Integral Heatsink
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com