전자부품 데이터시트 검색엔진 |
|
STZ8120B 데이터시트(PDF) 4 Page - Shenzhen Jin Yu Semiconductor Co., Ltd. |
|
STZ8120B 데이터시트(HTML) 4 Page - Shenzhen Jin Yu Semiconductor Co., Ltd. |
4 / 5 page Type Marking Code Zener Voltage Range 1) Dynamic Impedance Reverse Leakage Current Temp. coefficient of Zener Voltage lZT for VZ ZZT ZZK at IZK IR at VR SZ (mV/OC) Typ. at IZT mA V Ω (Max.) Ω (Max.) mA μA (Max.) V STZ8240 2N 5 22.8…25.6 100 120 0.5 0.1 19 20.4 STZ8240A 4Y1 22.8…23.97 STZ8240B FC 23.5…24.7 STZ8240C 5A1 24.35…25.6 STZ8270 2P 2 25.1…28.9 120 120 0.5 0.1 21 23.4 STZ8270A 5C1 25.3…26.7 STZ8270B FD 26.3…27.7 STZ8270C 5E1 27.3…28.7 STZ8300 2R 2 28…32 160 160 0.5 0.1 23 26.6 STZ8300A 5G1 28.3…29.7 STZ8300B FE 29.3…30.8 STZ8300C 5J1 30.2…31.8 STZ8330 2X 2 31…35 200 200 0.5 0.1 25 29.7 STZ8330A 5L1 31.2…32.8 STZ8330B 8X 32.2…33.8 STZ8330C 5N1 33.2…34.9 STZ8360 2Y 2 34…38 250 250 0.5 0.1 27 33 STZ8360A 5Q1 34.1…35.9 STZ8360B 8Y 35.1…36.9 STZ8360C 5S1 36.1…37.9 STZ8390 2Z 2 37…41 300 300 0.5 2 30 35.6 STZ8390A 5U1 37.1…39 STZ8390B FJ 38…40 STZ8390C 5X1 39…41 1) VZ is tested with pulses (20 ms). Ambient Temperature: Ta ( C) O 0 25 100 150 0 100 200 300 Derating Curve STZ8000 Series 4 Date:2011/05 www.htsemi.com semiconductor JinYu |
유사한 부품 번호 - STZ8120B |
|
유사한 설명 - STZ8120B |