전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N1189 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 1N1189
상세설명  Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N1189 데이터시트(HTML) 7 Page - Vishay Siliconix

  1N1189 Datasheet HTML 1Page - Vishay Siliconix 1N1189 Datasheet HTML 2Page - Vishay Siliconix 1N1189 Datasheet HTML 3Page - Vishay Siliconix 1N1189 Datasheet HTML 4Page - Vishay Siliconix 1N1189 Datasheet HTML 5Page - Vishay Siliconix 1N1189 Datasheet HTML 6Page - Vishay Siliconix 1N1189 Datasheet HTML 7Page - Vishay Siliconix 1N1189 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 95360
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 29-Sep-08
1
DO-203AB (DO-5) for
1N1183, 1N3765, 1N1183A, 1N2128A, 1N3208 Series
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
1/4" 28UNF-2A
for metric devices: M6 x 1
Ø 14.6 (0.57)
4 (0.16) MIN.
Ø 4.10 (0.16)
Ø 3.80 (0.15)
25.4 (1.0) MAX.
1.0 (0.04)
MAX.
17.40 (0.68) MIN.
Across flats
6.1 (0.24)
7.0 (0.28)
10.7 (0.42)
11.5 (0.45)
10.8 (0.43)
11.4 (0.45)
1.03 (0.04)
MAX.


유사한 부품 번호 - 1N1189

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N1189 MICROSEMI-1N1189 Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
International Rectifier
1N1189 IRF-1N1189 Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Vishay Siliconix
1N1189 VISHAY-1N1189 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
logo
Microsemi Corporation
1N1189 MICROSEMI-1N1189 Datasheet
132Kb / 2P
   Silicon Power Rectifier
logo
New Jersey Semi-Conduct...
1N1189 NJSEMI-1N1189 Datasheet
298Kb / 2P
   Silicon Power Rectifier
More results

유사한 설명 - 1N1189

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
VS-1N1190 VISHAY-VS-1N1190 Datasheet
155Kb / 9P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 28-Jan-14
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
logo
ON Semiconductor
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
logo
Vishay Siliconix
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
logo
PHOENIX CONTACT
3241239 PHOENIX-3241239 Datasheet
50Kb / 2P
   Ferrule - A 35 -40
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com