전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N3881 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 1N3881
상세설명  Fast Recovery Diodes (Stud Version), 6/12/16 A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3881 데이터시트(HTML) 4 Page - Vishay Siliconix

  1N3881 Datasheet HTML 1Page - Vishay Siliconix 1N3881 Datasheet HTML 2Page - Vishay Siliconix 1N3881 Datasheet HTML 3Page - Vishay Siliconix 1N3881 Datasheet HTML 4Page - Vishay Siliconix 1N3881 Datasheet HTML 5Page - Vishay Siliconix 1N3881 Datasheet HTML 6Page - Vishay Siliconix 1N3881 Datasheet HTML 7Page - Vishay Siliconix 1N3881 Datasheet HTML 8Page - Vishay Siliconix 1N3881 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93138
4
Revision: 26-Sep-08
1N3879(R), 1N3889(R), 6/12/16FL(R) Series
Vishay High Power Products
Fast Recovery Diodes
(Stud Version), 6/12/16 A
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Average Forward Current vs.
Maximum Allowable Case Temperature,
1N3879 and 6FL Series
Fig. 2 - Average Forward Current vs.
Maximum Allowable Case Temperature,
1N3889 and 12FL Series
Fig. 3 - Average Forward Current vs.
Maximum Allowable Case Temperature, 16FL Series
Fig. 4 - Reverse Recovery Time Test Waveform
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
1N3879.
1N3883.
6FL..
1N3889.
1N3893.
12FL..
16FL..
1N3879.
1N3883.
6FL..
1N3889.
1N3893.
12FL..
16FL..
TEST CONDITIONS
UNITS
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
180°
0.58
0.46
0.37
0.33
0.26
0.21
TJ = 150 °C
K/W
120°
0.60
0.48
0.39
0.58
0.46
0.37
60°
1.28
1.02
0.82
1.28
1.02
0.82
30°
2.20
1.76
1.41
2.20
1.76
1.41


유사한 부품 번호 - 1N3881

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N3881 MICROSEMI-1N3881 Datasheet
110Kb / 2P
   Fast Recovery Rectifier
logo
Vishay Siliconix
1N3881 VISHAY-1N3881 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
logo
International Rectifier
1N3881 IRF-1N3881 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3881 VISHAY-1N3881 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
logo
Solid States Devices, I...
1N3881 SSDI-1N3881 Datasheet
201Kb / 2P
   6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
More results

유사한 설명 - 1N3881

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
   Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 08-Apr-13
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 06-Mar-17
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 11-Jan-18
VS-1N3879 VISHAY-VS-1N3879 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
01-Jan-2022
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
   Standard Recovery Diodes, (Stud Version), 12 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com