전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD1700C30K 데이터시트(PDF) 8 Page - Vishay Siliconix

부품명 SD1700C30K
상세설명  Standard Recovery Diodes (Hockey PUK Version), 2100 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1700C30K 데이터시트(HTML) 8 Page - Vishay Siliconix

  SD1700C30K Datasheet HTML 1Page - Vishay Siliconix SD1700C30K Datasheet HTML 2Page - Vishay Siliconix SD1700C30K Datasheet HTML 3Page - Vishay Siliconix SD1700C30K Datasheet HTML 4Page - Vishay Siliconix SD1700C30K Datasheet HTML 5Page - Vishay Siliconix SD1700C30K Datasheet HTML 6Page - Vishay Siliconix SD1700C30K Datasheet HTML 7Page - Vishay Siliconix SD1700C30K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 12-Mar-12
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
Material Category Policy
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as RoHS-Compliant fulfill the
definitions and restrictions defined under Directive 2011/65/EU of The European Parliament and of the Council
of June 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(EEE) - recast, unless otherwise specified as non-compliant.
Please note that some Vishay documentation may still make reference to RoHS Directive 2002/95/EC. We confirm that
all the products identified as being compliant to Directive 2002/95/EC conform to Directive 2011/65/EU.


유사한 부품 번호 - SD1700C30K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SD1700C30K VISHAY-SD1700C30K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
More results

유사한 설명 - SD1700C30K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SD2000C04L VISHAY-SD2000C04L_12 Datasheet
137Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL Datasheet
150Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 04-Apr-14
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
SD1700C24K VISHAY-SD1700C24K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL_V01 Datasheet
163Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK_V01 Datasheet
205Kb / 8P
    Standard Recovery Diodes, (Hockey PUK), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK Datasheet
222Kb / 8P
   Standard Recovery Diodes (Hockey PUK), 2100 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com