전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD1500C20L 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SD1500C20L
상세설명  Standard Recovery Diodes (Hockey PUK Version), 1600 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1500C20L 데이터시트(HTML) 2 Page - Vishay Siliconix

  SD1500C20L Datasheet HTML 1Page - Vishay Siliconix SD1500C20L Datasheet HTML 2Page - Vishay Siliconix SD1500C20L Datasheet HTML 3Page - Vishay Siliconix SD1500C20L Datasheet HTML 4Page - Vishay Siliconix SD1500C20L Datasheet HTML 5Page - Vishay Siliconix SD1500C20L Datasheet HTML 6Page - Vishay Siliconix SD1500C20L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93537
2
Revision: 25-Jul-08
SD1500C..L Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version),
1600 A
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
1600 (820)
A
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
3010
A
Maximum peak, one cycle,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
16 600
t = 8.3 ms
17 400
t = 10 ms
100 % VRRM
reapplied
14 000
t = 8.3 ms
14 700
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
1386
kA2s
t = 8.3 ms
1265
t = 10 ms
100 % VRRM
reapplied
980
t = 8.3 ms
895
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
13 860
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.83
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.95
Low level value of forward slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.27
m
Ω
High level value of forward slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.25
Maximum forward voltage drop
VFM
Ipk = 3000 A TJ = TJ maximum,
tp = 10 ms sinusoidal wave
1.64
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating temperature range
TJ
- 40 to 180
°C
Maximum storage temperature range
TStg
- 55 to 200
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.073
K/W
DC operation double side cooled
0.031
Mounting force, ± 10 %
14 700
(1500)
N
(kg)
Approximate weight
255
g
Case style
See dimensions - link at the end of datasheet
DO-200AB (B-PUK)
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.009
0.009
0.006
0.006
TJ = TJ maximum
K/W
120°
0.011
0.011
0.011
0.011
90°
0.014
0.014
0.015
0.015
60°
0.020
0.020
0.021
0.021
30°
0.035
0.035
0.036
0.036


유사한 부품 번호 - SD1500C20L

제조업체부품명데이터시트상세설명
logo
TRANSYS Electronics Lim...
SD1500C20L TEL-SD1500C20L Datasheet
162Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD1500C20L VISHAY-SD1500C20L Datasheet
121Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 1600 A
Revision: 25-Jul-08
More results

유사한 설명 - SD1500C20L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SD1500C04L VISHAY-SD1500C04L Datasheet
121Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 1600 A
Revision: 25-Jul-08
VS-SD1500CL VISHAY-VS-SD1500CL_V01 Datasheet
160Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 1600 A
01-Jan-2022
VS-SD1500CL VISHAY-VS-SD1500CL Datasheet
181Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1600 A
Revision: 04-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com